Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

5.0SMDJ40CA-H Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

Part No. 5.0SMDJ40CA-H
Description  Automotive and High Reliability TVS Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YINT [Shanghai Yint Electronic Co., Ltd]
Homepage  https://www.yint.com.cn/
Logo 

5.0SMDJ40CA-H Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
Automotive and High Reliability TVS Diodes
Trustworthy electronic circuit protection expert
Surface Mount – 5000W > 5.0SMDJ-H Series
www.yint.com.cn
Rev:19.3
1
5.0SMDJ-H Series
General Information
The 5.0SMDJ-H series is designed to protect voltage sensitive components
from high voltage, high energy transients. They have excellent clamping capability,
high surge capability, low zener impedance and fast response time. The 5.0SMDJ-H
series is supplied in YINT Semiconductor’s exclusive, cost-effective, highly reliable
and is ideally suited for use in communication systems, automotive, numerical
controls , process controls, medical equipment, business machines, power supplies
and many other industrial/consumer Applications.
Features
Case: DO-214AB/SMC
For surface mounted applications in order to optimize board space.
Polarity: Color band denoted positive end (cathode) except Bidirectional.
Typical failure mode is short from over-specified voltage or current
High Temperature soldering:260°C/10 seconds at terminals.
Terminal: Solder plated, solderable per MIL-STD-750,Method 2026.
Applications
TVS devices are ideal for the
protection of I/O Interfaces, VCC bus
and other vulnerable circuits used in
Telecom, Computer, Industrial and
Consumer electronic applications.
Electrical Characteristics (@ TA = 25°C Unless Otherwise Noted)
Parameter
Symbol
Value
Unit
Minimum Peak Pulse Power Dissipation (T = 1 ms) (note 2)
PPK
5000
Watts
Peak Forward Surge Current
8.3 ms Single Half Sine Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
300
Amps
Steady State Power Dissipation @ TL = 50 °C
PM(AV)
6.5
Watts
Maximum Instantaneous Forward Voltage @ I PP = 50 A
(For Unidirectional Units Only)
VF
5
Volts
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve.
2. Thermal Resistance Junction to Lead.
3. 8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only).
4. Single Phase, Half Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Molded plastic
glass passivated junction.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn