Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MF51-A Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

Part No. MF51-A
Description  Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YINT [Shanghai Yint Electronic Co., Ltd]
Homepage  https://www.yint.com.cn/
Logo 

MF51-A Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
3
应用范围
空调,暖气设备
电子体温计
液位传感器
汽车电子
电子台历
Applications
Air-Conditioner, Heating apparatus
Electric Thermometer
Liquid level sensor
Automoblie electronic
Electric table-board
特点
体积小
测试精度高
反应速度快
一致性,互换性好
可在高温高湿等恶劣环境下使用
Characteristic
Small size
High testing precision
Fast response
Good quality of coherence and interchange
It can be used in such worse environment as high temperature and humdity etc.
外形结构和尺寸
Dimensions(mm)
产品标识说明
Specification
主要技术参数
Main Techno-Parameter
型号
Part No.
耗散系数(
mw/℃)
Dissi.coef.( mw/℃)
热时间常数(
S)
Thermal time constant(S)
最大功耗
@25℃
Pmax(mW)
MF51-A
1.4
14
50
MF51-B
0.9
7
35
MF51-C
0.75
5
15
型号
Part No.
标称阻值
R25
Rate Resistance R25
B 值(25/85℃)
B value(25/85℃)
型号
Part NO.
D
H
L
d
MF51-A
MF51-B
MF51-C
MF51 B 103 F 3750 E
B 值允许偏差代号(根据需要标注)
E:±0.5%,F:±1%
B 值 25/85℃:为 3750K
阻值允许偏差代号:
F:±1%,G:±
2%,H:±3%,J:±5%,K:±10%
标称电阻值:
103 为 10KΩ
外形尺寸代号:
B 型
型号:为玻封测温型
NTC 热敏电阻器
The allowable tolerance of(label by requirment)
E:±0.5%,F:±1%
B value 25/85℃; namedly 3750K
Resistance Tolerance Code: Namely F;±1%,G;±2%,
H;±3%,J;±5%,K;±10%
Rated Resistance:103 namely 10KΩ
Configuration Code; B model
Type: Temp-measurement chip in glass NTC
thermistor


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn