Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MF51-A Datasheet(HTML) 4 Page - Shanghai Yint Electronic Co., Ltd

Part No. MF51-A
Description  Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YINT [Shanghai Yint Electronic Co., Ltd]
Homepage  https://www.yint.com.cn/
Logo 

MF51-A Datasheet(HTML) 4 Page - Shanghai Yint Electronic Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
4
R25(KΩ)
精度
Tolerance
K
精度
Tolerance
常规
型号
MF51□□□3435
2~10
±
1%
±
2%
±
3%
±
5%
3435
±
1%
±
2%
MF51□□□3450
2~10
3450
MF51□□□3750
8~10
3750
MF51□□□3950
10~50
3950
MF51□□□4150
50~100
4150
MF51□□□4200
100~350
4200
MF51□□□4350
870~980
4350
MF51□□□4450
1000~1500
4450
特殊
型号
MF51□2.186K□3420
R25=2.186 R0=6
±
2%
±
3%
±
5%
3420(B0/100=3390)
±
1%
±
2%
MF51□5.369K□3480
R25=5.369 R0=15
3480(B0/100=3450)
MF51□49.12K□3992
R25=49.12 R0=3.3
3992(B0/100=3970)
MF51□98.63K□4066
R25=98.63 R0=0.55
4066(B0/100=4300)
MF51□231.4K□4240
R25=231.4 R0=1
4240(B0/100=4537)
MF52 珠状精密型 NTC 热敏电阻器系列
MF52 Pearl-Shape Temp Measurement NTC Thermistor
应用范围
空调设备
暖气设备
电子体温计
液位传感器
汽车电子
电子台历
手机电池
Applications
Air-Conditioner Equipments
Heating Apparatus
Electric Thermometer
Liquid level sensor
Automoblie electronic
Electric table-board
Battery of MobilenTelephone
特点
测试精度高
体积小
,反应速度快
能长时间稳定工作
互换性,一致性好
规模化生产,性价比高
Characteristic
High testing precision
Small size,Fast Response
Steady Operating For Long time
Good quality of coherence and
interchange
Scale production,high ratio of features
to cost
产品标识说明
Specification
MF52 A 103 G 3380 E


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn