Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MF51-A Datasheet(HTML) 8 Page - Shanghai Yint Electronic Co., Ltd

Part No. MF51-A
Description  Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YINT [Shanghai Yint Electronic Co., Ltd]
Homepage  https://www.yint.com.cn/
Logo 

MF51-A Datasheet(HTML) 8 Page - Shanghai Yint Electronic Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 11 page
background image
Trustworthy electronic circuit protection expert
Metal Oxide Varistors
8
The range of resisitance under the rated zero power(R25):
0.1-3780KΩ
The allowable tolerance of R25: ±1%,±2%,±3%,±5%,±10%
The range of B value: 3100~4500K
The allowable tolerance of (label by requirment)B value:
±0.5%,±1%
Dissipation factor: ≥2mW/℃(in still air)
Thermal time constant: ≤20S(in still air)
The range of operating temperature: -55℃~+250℃
Rated power: ≤50mW
产品标识说明
Specification
外形结构和尺寸
Dimensions(mm)
CWF 精密型 NTC 温度传感器系列
CWF Precision NTC Temperature sensor Series
应用范围
应用于家用空调,汽车空调,冰箱,冷柜,热水器,饮水机,暖
风机,洗碗机,消毒柜,洗衣机,烘干机以及中低温干燥箱,恒
温箱等场合的温度测量与控制。
Applications
Temperature measurement and contril of household and
automobile air-condition, refrigeratory, icebox, water heater,
drinking trough, radiator, dishwasher, disinfector, washing
machine, drying machine,middle-or-low-temperature drying
box and constant temperature box
特点
采用全新工艺,产品性能稳定,可长期工作
电阻值与
B 值精度高,一致性好,可互换
灵敏度高,反应迅速
具有良好的绝缘密封性和抗机械碰撞,抗折弯能力,可靠性高
Characteristics
Adopting new technique, steady product performance,
capability of long time operating
High precision of resistance and B value, good coherence,
MF58 502 F 3650 E
B 值允许偏差代号(根据需要标注)
E:±0.5%,F:±1%
B 值:为 3650K
阻值允许偏差代号:
F:±1%,G:±
2%,H:±3%,J:±5%,K:±10%
标称电阻值:
502 为 5KΩ
型号
The allowable tolerance of(label by requirment)
E:±0.5%,F:±1%
B value; namedly 3650K
Resistance Tolerance Code: Namely F;±1%,G;±2%,
H;±3%,J;±5%,K;±10%
Rated Resistance:502 namely 5KΩ
Type


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn