Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FC-1608HGK-572C Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part No. FC-1608HGK-572C
Description  Chip LED
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Homepage  http://www.to-grace.com/index.html
Logo 

FC-1608HGK-572C Datasheet(HTML) 3 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
表单编号:FGH/BD-0053.01-15A
2/ 7
保存期限:长期
片式 发 光 二 极 管
光电参数(1)
Electro-Optical Characteristics(1)
极限参数(温度=25℃)
Absolute Maximum Ratings (Temperature=25°C)
参数名称
Parameter
符号
Symbol
数值
Rating
单位
Unit
正向电流
Forward Current
IF
25
mA
正向脉冲电流*
Pulse Forward Current
*
IFP
50
mA
反向电压
Reverse Voltage
VR
5
V
工作温度
Operating Temperature
TOPR
-30 ~ +85
贮存温度
Storage Temperature
Tstg
-40 ~ +100
功耗
Power Dissipation
PD
65
mW
* 注:脉冲宽度≤0.1ms,占空比≤1/10
* Note:
Pulse Width≤0.1ms, Duty≤1/10
光电参数(温度=25℃)
Electro-Optical Characteristics (Temperature=25°C)
参数名称
Parameter
符号
Symbol
条件
Condition
最小值
Min.
典型值
Typ.
最大值
Max.
单位
Unit
反向电流
Reverse Current
IR
VR=5V
-
-
10
μA
视角度
View Angle
1/2
-
-
130
-
deg.
正向电压
Forward Voltage
VF
IF=20mA
1.6
2.0
2.6
V
峰值波长
Peak Wavelength
λ
P
575
nm
主波长
Dominant Wavelength
λ
d
565
572
578
nm
半波宽度
Spectrum Radiation Bandwidth
Δλ
15
nm
光强
Luminous Intensity
IV
17
27
40
mcd
* 注 1:光强偏差±15%;压降偏差±0.1V;(X,Y)坐标偏差±0.01;单色光波长偏差±1nm。
* Note1: Tolerance on each Luminous Intensity bin is ±15%; Tolerance on each Forward Voltage bin is ±0.1V;Tolerance on
each Hue(X,Y) bin is ±0.01; Tolerance of Dominant Wavelength ±1nm.
* 注 2:以上参数仅供参考,请以实物标签为准。我司给出的参数均由国星测试系统测得。
* Note2: The parameters above are only for your reference. In case of any discrepancy, please adhere tothe label of our actual
products. All parameters are tested by the standard testing system of NationStar.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn