Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FC-1608HGK-572C Datasheet(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part No. FC-1608HGK-572C
Description  Chip LED
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Homepage  http://www.to-grace.com/index.html
Logo 

FC-1608HGK-572C Datasheet(HTML) 5 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
表单编号:FGH/BD-0053.01-15A
4/ 7
保存期限:长期
片式 发 光 二 极 管
典型特性曲线
Typical Characteristics Curves
正向电流降额曲线
Forward C urrent Derating C urve
光强与环境温度曲线
Luminous Intensity VS Ambient Temperature
环境温度(
)(℃)
Ambient Temperature
环境温度(
)(℃)
Ambient Temperature
伏安特性
Volt Ampere C haracteristics
-
相对光强与正向电流特性
Relative Luminous Intensity VS Forward Current
正向电流(
)
)
Forward Current
mA
(
350 400
450
500
550
600
650
700
750
波 长(
) (
)
Wavel engt h
nm
光谱分布特性曲线
Relative Spectral Distribution
0
0.5
10°
20°
30°
40°
50°
60°
70°
80°
90°
1
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
90
0
0.5
1
Typical Spatial Distr ibution
光强分布特性曲线
角 度(
) (
. )
Angl e
Deg
T
25
Ambient =℃
T
25
Ambient =℃
0
1 0
2 0
3 0
4 0
5 0 6 0
7 0
8 0 9 0
1 0 0
正向电压 (
)( )
orward Voltage
V
F
1 . 5
2 . 0
2 . 5
3 . 0
3 . 5
0
5
1 0
1 5
2 0
2 5
3 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn