Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FC-1608HGK-572C Datasheet(HTML) 6 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part No. FC-1608HGK-572C
Description  Chip LED
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Homepage  http://www.to-grace.com/index.html
Logo 

FC-1608HGK-572C Datasheet(HTML) 6 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
表单编号:FGH/BD-0053.01-15A
5/ 7
保存期限:长期
片式 发 光 二 极 管
可靠性试验
Reliability Test Items And Conditions
实验项目
Test Items
参考标准
Reference
实验条件
Test Conditions
时间
Time
样品数
Quantity
判据
Criterion
冷热冲击
Thermal Shock
MIL-STD-202G
-40℃(15min)←→100℃(15min)
循环 200 次
200 cycles
22
0/22
湿热循环
Temperature And Humidity
Cyclic
JEITA ED-4701
200 203
(-10~65)℃ ,(0~90)%RH
24hrs./1cycle
循环 10 次
10 cycles
22
0/22
高温贮存
High Temperature Storage
JEITA ED-4701
200 201
Ta=100℃
1000h
22
0/22
低温贮存
Low Temperature Storage
JEITA ED-4701
200 202
Ta=-40℃
1000h
22
0/22
常温寿命试验
Lifespan Test
JESD22-A108D
Ta=25℃
IF =10mA
1000h
22
0/22
耐焊接热
Resistance to Soldering Heat
GB/T 4937,
Ⅱ,2.2&2.3
Tsol*=260℃ 10secs.
2 次
2 times
22
0/22
失效判断标准 Criteria For Judging Damage
测试项目
Test Items
符号
Symbol
测试条件
Test Conditions
判定标准
Criteria For Judging Damage
正向电压
Forward Voltage
VF
IF= IFT
初始值±10%
Initial Data±10%
反向电流
Reverse Current
IR
VR= 5V
IR≤10μA
光强
Luminous Intensity
IV
IF = IFT
IV 衰减≤50%
IV degradation≤50%
耐焊接热
Resistance to Soldering Heat
无死灯
No dead light
* 注:Tsol-锡液温度IFT:典型电流
* Note: Tsol-Temperature of tin liquid;
IFT:Typical current.
3


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn