Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

3KP36A Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

Part No. 3KP36A
Description  3KP Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YINT [Shanghai Yint Electronic Co., Ltd]
Homepage  https://www.yint.com.cn/
Logo 

3KP36A Datasheet(HTML) 1 Page - Shanghai Yint Electronic Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
3KP Series
www.yint.com.cn
Rev:19.3
1
3KP Transient Voltage Suppressor Diode Series
General Information
The 3KP series is designed to protect voltage sensitive components from high
voltage, high energy transients. They have excellent clamping capability, high surge
capability, low zener impedance and fast response time. The 3KP series is supplied
in YINT Semiconductor’s exclusive,cost-effective,highly reliable and is ideally suited
for use in communication systems, automotive, numerical controls , process
controls, medical equipment, business machines, power supplies and many other
industrial/consumer Applications.
Features
P600 glass passivated chip junction
Plastic package
Polarity:Color band denoted positive end (cathode) except Bidirectional.
Typical failure mode is short from over-specified voltage or current
Fast response time: typically less than 1.0ps from 0 Volts to BV min.
High Temperature soldering:260°C/10 seconds at terminals.
Solder dip 275 °C max. 10 s, per JESD 22-B106
Typical Applications
Use in sensitive electronics protection
against voltage transients induced by
inductive load switching and lighting on
ICs, MOSFET, signal lines of sensor
units for consumer, computer, industrial,
automotive, and telecommunication.
Electrical Characteristics (@ TA = 25°C Unless Otherwise Noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation with a 10/1000 μs waveform
PPK
3000
Watts
Peak pulse current with a 10/1000 μs waveform
IFSM
See next table
Amps
Power dissipation on infinite heat sink at TL= 75 °C
PD
7
Watts
Peak forward surge current 8.3 ms single half sine-wave
IFSM
300
Amps
Instantaneous forward voltage at 100 A for Unidirectional only
VF
3.5
V
Operating junction and storage temperature range
TJ ,TSTG
-55 to +175
°C
Notes :
(1)Non-repetitive current pulse, per fig. 6 and derated above TA = 25 °C per fig. 2
(2)Measured 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn