Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

P8SMB26A Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

Part No. P8SMB26A
Description  P8SMB Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YINT [Shanghai Yint Electronic Co., Ltd]
Homepage  https://www.yint.com.cn/
Logo 

P8SMB26A Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
P8SMB Series
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Part
Number
(Bi)
Part
Number
(Uni)
Reverse
Stand off
Voltage
VR
(Volts)
Breakdown
Voltage VBR (Volts)@IT
Test
Current
IT(mA)
Maximum
Reverse
Leakage
IR@ VR(μA)
Maximum
Peak Pulse
Current
Ipp(A)
Maximum
Clamping
Voltage VC@ I
pp
(V)
Min .V
Max .V
P8SMB5.0CA
P8SMB5.0A
5.0
6.4
7.25
10
800
86.96
9.2
P8SMB6.0CA
P8SMB6.0A
6.0
6.67
7.67
10
800
77.67
10.3
P8SMB 6.5CA
P8SMB 6.5A
6.5
7.22
8.30
10
500
71.43
11.2
P8SMB7.0CA
P8SMB7.0 A
7.0
7.78
8.95
10
200
66.67
12.0
P8SMB 7.5CA
P8SMB 7.5A
7.5
8.33
9.58
1
100
62.02
12.9
P8SMB 8.0CA
P8SMB 8.0A
8.0
8.89
10.23
1
50
58.82
13.6
P8SMB8.5CA
P8SMB8.5 A
8.5
9.44
10.82
1
20
55.56
14.4
P8SMB9.0CA
P8SMB9.0 A
9.0
10.00
11.50
1
10
51.95
15.4
P8SMB10CA
P8SMB10A
10.0
11.1
12.3
1
10
47.06
17.0
P8SMB11CA
P8SMB11A
11.0
12.20
14.00
1
5
43.96
18.2
P8SMB12CA
P8SMB12A
12.0
13.3
14.7
1
5
40.20
19.9
P8SMB13CA
P8SMB13A
13.0
14.40
16.50
1
5
37.21
21.5
P8SMB14CA
P8SMB14A
14.0
15.60
17.2
1
5
34.48
23.2
P8SMB15CA
P8SMB15A
15.0
16.70
19.20
1
5
32.79
24.4
P8SMB16CA
P8SMB16A
16.0
17.8
19.7
1
5
30.77
26.0
P8SMB17CA
P8SMB17A
17.0
18.90
21.70
1
5
28.99
27.6
P8SMB18CA
P8SMB18A
18.0
20.00
23.30
1
5
27.40
29.2
P8SMB20CA
P8SMB20A
20.0
22.20
25.50
1
5
24.69
32.4
P8SMB22CA
P8SMB22A
22.0
24.40
28.00
1
5
22.54
35.5
P8SMB24CA
P8SMB24A
24.0
26.70
30.70
1
5
20.57
38.9
P8SMB26CA
P8SMB26A
26.0
28.90
33.20
1
5
19.00
42.1
P8SMB28CA
P8SMB28A
28.0
31.10
35.80
1
5
17.62
45.4
P8SMB30CA
P8SMB30A
30.0
33.30
38.30
1
5
16.53
48.4
P8SMB33CA
P8SMB33A
33.0
36.70
42.20
1
5
15.01
53.3
P8SMB36CA
P8SMB36A
36.0
40.00
46.00
1
5
13.77
58.1
P8SMB40CA
P8SMB40A
40.0
44.40
51.10
1
5
12.40
64.5
P8SMB43CA
P8SMB43A
43.0
47.80
52.80
1
5
11.53
69.4
P8SMB45CA
P8SMB45A
45.0
50.00
57.50
1
5
11.00
72.7
P8SMB48CA
P8SMB48A
48.0
53.3
58.9
1
5
10.34
77.4
P8SMB51CA
P8SMB51A
51.0
56.70
65.20
1
5
9.71
82.4
P8SMB54CA
P8SMB54A
54.0
60.0
66.3
1
5
9.18
87.1
P8SMB58CA
P8SMB58A
58.0
64.40
74.10
1
5
8.55
93.6
P8SMB60CA
P8SMB60A
60.0
66.7
73.7
1
5
8.26
96.8
P8SMB64CA
P8SMB64A
64.0
71.10
81.80
1
5
7.77
103.0
P8SMB70CA
P8SMB70A
70.0
77.80
89.50
1
5
7.08
113.0
P8SMB75CA
P8SMB75A
75.0
83.3
92.1
1
5
6.61
121.0


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn