Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EZA2500W-32048 Datasheet(HTML) 1 Page - TDK Electronics

Part No. EZA2500W-32048
Description  Bidirectional Converters
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TDK [TDK Electronics]
Homepage  http://www.tdk.com
Logo 

EZA2500W-32048 Datasheet(HTML) 1 Page - TDK Electronics

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 1 page
background image
Bidirectional Converters
1 of 1
Creation Date : July 24, 2019 (GMT)
EZA2500W-32048New
Product
Sales Region
Worldwide
Series
EZA
Status
Production
Option
High speed & dust tight & long service life fan type
With coating on both sides of PCB model
Option Lineup
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
LV Side Rated Voltage[DC]
48V
LV Side Voltage Range[DC]
36 to 65V
HV Side Rated Voltage[DC]
320V
HV Side Voltage Range[DC]
260 to 400V
Maximum Output Power
2496W
Efficiency(at rated input/output)
90.5% Typ.
Maximum Efficiency
90.5% Typ.
Cases Shape & Size
Case’s shape
1U (19inch full rack)
Width(W)
422.8mm Nom.
Height(H)
43.6mm Nom.
Depth(D)
400mm Nom.
Weight
8000g Max.
Other
Operating Temp. Range
-10 to 50°C
External Control
RS485 (original protocol)
Isolation/non-Isolation(input-output)
Isolated
Parallel Operation
Yes
Change of Power Conversion Direction
external control operation/self-communicating operation selectable
Safety Standard(Certified)
Remarks
This page only shows representative characteristics. Please refer to the
technical data for detailed specifications and conditions.
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Html Pages

1 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn