Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE39A Datasheet(PDF) 5 Page - Shanghai Yint Electronic Co., Ltd

Part # P6KE39A
Description  P6KE Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

P6KE39A Datasheet(HTML) 5 Page - Shanghai Yint Electronic Co., Ltd

  P6KE39A Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd P6KE39A Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd P6KE39A Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd P6KE39A Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd P6KE39A Datasheet HTML 5Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Transient Voltage Suppression Diodes
Trustworthy electronic circuit protection expert
P6KE Series
www.yint.com.cn
Rev:19.3
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Figure5-Steady State Power Dissipation Derating Curve
Figure 6 - Maximum Non-Repetitive Surge Current


Similar Part No. - P6KE39A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE39A MOTOROLA-P6KE39A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE39A STMICROELECTRONICS-P6KE39A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
HuaXinAn Electronics CO...
P6KE39A HUAXINAN-P6KE39A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
DAESAN ELECTRONIC CORP.
P6KE39A DAESAN-P6KE39A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
List of Unclassifed Man...
P6KE39A ETC2-P6KE39A Datasheet
330Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - P6KE39A

ManufacturerPart #DatasheetDescription
logo
RFE international
P4KE12AR RFE-P4KE12AR Datasheet
61Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR DIODE P4KE, SA, P6KE, 1.5KE, 5KP; 400W to 5000W PPK
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
   Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
   Transient Voltage Suppressor Diode Series
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB6.8CA-H BOURNS-P6SMB6.8CA-H Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
P6SMB BOURNS-P6SMB Datasheet
329Kb / 5P
   Transient Voltage Suppressor Diode Series
SMAJ BOURNS-SMAJ Datasheet
282Kb / 5P
   Transient Voltage Suppressor Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com