Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

DAC60501 Datasheet(HTML) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. DAC60501
Description  DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

DAC60501 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 37 page
background image
5
DAC80501, DAC70501, DAC60501
www.ti.com
SBAS794 – NOVEMBER 2018
Product Folder Links: DAC80501 DAC70501 DAC60501
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
DACx0501
UNIT
DGS
DQF
10 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
170.1
122.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.5
58.3
°C/W
RθJB
Junction-to-board thermal resistance
92.6
50
°C/W
ΨJT
Junction-to-top characterization parameter
7.8
1.5
°C/W
ΨJB
Junction-to-board characterization parameter
90.7
49.8
°C/W
(1)
End point fit between code 256 to code 64,511 for 16-bit, code 64 to code 16,127 for 14-bit, code 16 to code 4031 for 12 bit, DAC output
unloaded, performance under resistive and capacitice load conditions are specified by design and characterization.
7.5 Electrical Characteristics
all minimum and maximum specifications at TA = –40°C to +125°C and all typcal specifications at TA = 25°C, 2.7 V ≤ VDD ≤
5.5 V, external or internal VREFIO = 2.5 V to 5.0 V , RLOAD = 2 kΩ to AGND, CLOAD = 200 pF to AGND, and digital inputs
at VDD or AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
DAC80501
16
Bits
DAC70501
14
DAC60501
12
INL
Integral nonlinearity(1)
TA = 0°C to 70°C
–0.75
0.75
LSB
TA = –40°C to +125°C
–1
1
DNL
Differential
nonlinearity(1)
–1
1
LSB
TUE
Total unadjusted
error(1)
2.5 V
≤ VOUT ≤ 5 V
–0.1
0.1
%FSR
Zero code error(1)
TA = 0°C to 70°C, DAC loaded with zero scale
code
–0.8
0.8
mV
TA = –40°C to +125°C, DAC loaded with zero
scale code
–1.5
0.5
1.5
Zero code error
temperature
coefficient(1)
TA = –40°C to +125°C
±2
µV/°C
Offset error(1)
TA = 0°C to 70°C
–0.6
0.6
mV
TA = –40°C to +125°C
–1.5
0.5
1.5
Offset error
temperature coefficient
(1)
TA = –40°C to +125°C
±1
µV/°C
Gain error(1)
TA = 0°C to 70°C
–0.07
0.07
%FSR
TA = –40°C to +125°C
–0.1
0.1
Gain error temperature
coefficient(1)
TA = –40°C to +125°C
±1
ppm
FSR/°C
Full-scale error(1)
TA = 0°C to 70°C, DAC loaded with full scale
code
–0.07
0.07
%FSR
TA = –40°C to +125°C, DAC loaded with full
scale code
–0.1
0.1
Full-scale error
temperature
coefficient(1)
TA = –40°C to +125°C
±2
ppm
FSR/°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn