Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL321JCP Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL321JCP
Description  Small and Thin 18 g Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL321JCP Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL321JCP Datasheet HTML 2Page - Analog Devices ADXL321JCP Datasheet HTML 3Page - Analog Devices ADXL321JCP Datasheet HTML 4Page - Analog Devices ADXL321JCP Datasheet HTML 5Page - Analog Devices ADXL321JCP Datasheet HTML 6Page - Analog Devices ADXL321JCP Datasheet HTML 7Page - Analog Devices ADXL321JCP Datasheet HTML 8Page - Analog Devices ADXL321JCP Datasheet HTML 9Page - Analog Devices ADXL321JCP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADXL321
Rev. 0 | Page 6 of 16
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 3. Recommended Soldering Profile
Table 4. Recommended Soldering Profile
Profile Feature
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/s max
3°C/s max
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Minimum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX), tS
60 s − 120 s
60 s − 150 s
TSMAX to TL
Ramp-Up Rate
3°C/s
3°C/s
Time Maintained Above Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 s − 150 s
60 s − 150 s
Peak Temperature (TP)
240°C + 0°C/−5°C
260°C + 0°C/−5°C
Time within 5°C of Actual Peak Temperature (tP)
10 s − 30 s
20 s − 40 s
Ramp-Down Rate
6°C/s max
6°C/s max
Time 25°C to Peak Temperature
6 min max
8 min max


Similar Part No. - ADXL321JCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320EB AD-ADXL320EB Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL AD-ADXL320JCP-REEL Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP-REEL7 AD-ADXL320JCP-REEL7 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL320JCP1 AD-ADXL320JCP1 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
More results

Similar Description - ADXL321JCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL322 AD-ADXL322_15 Datasheet
401Kb / 16P
   Small and Thin 2 g Accelerometer
ADXL320 AD-ADXL320 Datasheet
412Kb / 16P
   Small and Thin 5 g Accelerometer
REV. 0
ADXL322 AD-ADXL322 Datasheet
363Kb / 16P
   Small and Thin -2 g Accelerometer
REV. 0
ADXL320 AD-ADXL320_15 Datasheet
460Kb / 16P
   Small and Thin 5 g iMEMS Accelerometer
logo
A-Data Technology
UV140 A-DATA-UV140 Datasheet
429Kb / 2P
   Small and thin
logo
Analog Devices
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
   Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com