Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLG02N-0895H13201 Datasheet(PDF) 3 Page - SICK AG

Part # MLG02N-0895H13201
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

MLG02N-0895H13201 Datasheet(HTML) 3 Page - SICK AG

  MLG02N-0895H13201 Datasheet HTML 1Page - SICK AG MLG02N-0895H13201 Datasheet HTML 2Page - SICK AG MLG02N-0895H13201 Datasheet HTML 3Page - SICK AG MLG02N-0895H13201 Datasheet HTML 4Page - SICK AG MLG02N-0895H13201 Datasheet HTML 5Page - SICK AG MLG02N-0895H13201 Datasheet HTML 6Page - SICK AG MLG02N-0895H13201 Datasheet HTML 7Page - SICK AG MLG02N-0895H13201 Datasheet HTML 8Page - SICK AG MLG02N-0895H13201 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MLG02N-0895H13201 | MLG-2 ProNet
MEASURING AUTOMATION LIGHT GRIDS
Power consumption receiver
191.8 mA 2)
Ripple
< 5 Vpp
Output current Imax.
100 mA
Output load capacitive
100 nF
Output load inductive
1 H
Initialization time
< 1 s
Dimensions (W x H x D)
34 mm x 972.25 mm x 30.6 mm
Housing material
Aluminum
Indication
LED
Enclosure rating
IP65, IP67
 3)
Circuit protection
UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse
suppression
Protection class
III
Weight
2.045 kg
Front screen
PMMA
Option
Nonexistent
1) Without load.
2) , Without load with 24 V.
3) Operating in outdoor condition only with a external protection housing.
Performance
Maximum range
2.8 m 1)
Minimum range
≥ 0 m
Operating range
2 m
Response time
29 ms 2) 3)
1) No reserve for environmental issue and deterioration of the diode.
2) Without high speed.
3) With resistive load.
Interfaces
Interface
EtherNet/IP™
Ambient data
EMC
EN 60947-5-2
Ambient operating temperature
–30 °C +55 °C
Ambient storage temperature
–40 °C +70 °C
Ambient light immunity
Direct: 150,000 lx 1)
Indirect: 200,000 lx 2)
Vibration resistance
Sinusoidal oscillation 10-150 Hz 5 g
Shock load
Continuous shocks 10 g, 16 ms, 1000 shocks
Single shocks 15 g, 11 ms 3 per axle
UL File No.
NRKH.E181493 (Sensor)
NRAQ.E238799 (Fieldbus module)
1) Outdoor mode.
2) Light resistance indirect.
2019-07-19 17:41:20 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
3


Similar Part No. - MLG02N-0895H13201

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG02N-0895C13201 SICK-MLG02N-0895C13201 Datasheet
872Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02N-0895E13201 SICK-MLG02N-0895E13201 Datasheet
870Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02N-0895P13201 SICK-MLG02N-0895P13201 Datasheet
872Kb / 9P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - MLG02N-0895H13201

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745B13201 SICK-MLG02A-0745B13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com