Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MLG20N-0580E10501 Datasheet(HTML) 8 Page - SICK AG

Part No. MLG20N-0580E10501
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

MLG20N-0580E10501 Datasheet(HTML) 8 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG20N-0580E10501 | MLG-2 ProNet
MEASURING AUTOMATION LIGHT GRIDS
Connection diagram
T-piece
n
I
_
t
s
e
T
T-Junction, 5-pin
BN
WH
BU
BK
GY
Recommended accessories
Other models and accessories
www.sick.com/MLG-2_ProNet
Brief description
Type
Part no.
Terminal and alignment brackets
Bracket for external mounting of the fieldbus module, 1 x angle holder and 1 x screw
M5 x 6-8.8, Stainless steel V2A (1.4301)
BEF-WN-FBM-SET1
2082322
Adapters and distributors
SBO-02G12-SM
6029305
Plug connectors and cables
Head A: male connector, M12, 4-pin, straight, D-coded
Head B: male connector, RJ45, 8-pin, straight
Cable: Ethernet, twisted pair, PUR, halogen-free, shielded, 5 m
YM2D24-
050EA1MRJA4
6034415
Head A: male connector, M12, 4-pin, D-coded
Head B: male connector, M12, 4-pin, D-coded
Cable: Ethernet, twisted pair, PUR, halogen-free, shielded, 5 m
YM2D24-
050EA2M2D24
6034422
8
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2019-07-19 17:41:20
Subject to change without notice


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn