Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MLG20N-0580E10501 Datasheet(HTML) 2 Page - SICK AG

Part No. MLG20N-0580E10501
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

MLG20N-0580E10501 Datasheet(HTML) 2 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG20N-0580E10501 | MLG-2 ProNet
MEASURING AUTOMATION LIGHT GRIDS
Ordering information
Type
Part no.
MLG20N-0580E10501
1217892
Other models and accessories
www.sick.com/MLG-2_ProNet
Detailed technical data
Features
Version
ProNet
Technology
Sender/receiver
Minimum detectable object (MDO)
20 mm, 24 mm 1) 2) 3)
Beam separation
20 mm
Number of beams
30
Detection height
580 mm
Software features
Q1 Presence detection
Address —
Baud rate RS-485 —
Included with delivery
1 × sender
1 × receiver
4/6 x QuickFix brackets (6 x QuickFix brackets for monitoring heights above 2 m)
1 x mounting bracket for the fieldbus module
1 x Fieldbus module
1 × Quick Start Guide
1) MDO min. detectable object at high measurement accuracy.
2) MDO min. detectable object for standard measurement accuracy.
3) Depending on beam separation without cross beam setting.
Mechanics/electronics
Light source
LED, Infrared light
Housing design (light emission)
Robust
Wave length
850 nm
Supply voltage Vs
DC 18 V ... 30 V 1)
Power consumption sender
56.5 mA 2)
1) Without load.
2) , Without load with 24 V.
3) Operating in outdoor condition only with a external protection housing.
2
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2019-07-19 17:41:20
Subject to change without notice


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn