Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MLG20N-0580E10501 Datasheet(HTML) 3 Page - SICK AG

Part No. MLG20N-0580E10501
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

MLG20N-0580E10501 Datasheet(HTML) 3 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
MLG20N-0580E10501 | MLG-2 ProNet
MEASURING AUTOMATION LIGHT GRIDS
Power consumption receiver
126 mA 2)
Ripple
< 5 Vpp
Output current Imax.
100 mA
Output load capacitive
100 nF
Output load inductive
1 H
Initialization time
< 1 s
Dimensions (W x H x D)
34 mm x 673.3 mm x 30.6 mm
Housing material
Aluminum
Indication
LED
Enclosure rating
IP65, IP67
 3)
Circuit protection
UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse
suppression
Protection class
III
Weight
1.447 kg
Front screen
PMMA
Option
Nonexistent
1) Without load.
2) , Without load with 24 V.
3) Operating in outdoor condition only with a external protection housing.
Performance
Maximum range
7 m 1)
Minimum range
≥ 0 m
Operating range
5 m
Response time
3.6 ms 2) 3)
1) No reserve for environmental issue and deterioration of the diode.
2) Without high speed.
3) With resistive load.
Interfaces
Interface
EtherCAT®
Ambient data
EMC
EN 60947-5-2
Ambient operating temperature
–30 °C +55 °C
Ambient storage temperature
–40 °C +70 °C
Ambient light immunity
Direct: 150,000 lx 1)
Indirect: 200,000 lx 2)
Vibration resistance
Sinusoidal oscillation 10-150 Hz 5 g
Shock load
Continuous shocks 10 g, 16 ms, 1000 shocks
Single shocks 15 g, 11 ms 3 per axle
UL File No.
NRKH.E181493 (Sensor)
NRAQ.E238799 (Fieldbus module)
1) Outdoor mode.
2) Light resistance indirect.
2019-07-19 17:41:20 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
3


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn