Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MLG20N-0580E10501 Datasheet(HTML) 5 Page - SICK AG

Part No. MLG20N-0580E10501
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

MLG20N-0580E10501 Datasheet(HTML) 5 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
MLG20N-0580E10501 | MLG-2 ProNet
MEASURING AUTOMATION LIGHT GRIDS
Dimensional drawing (Dimensions in mm (inch))
4
5
34
(1.34)
36.3 (1.43)
38.5 (1.52)
38.1 (1.50)
30.6 (1.20)
36.3 (1.43)
38.5 (1.52)
40.6 (1.60)
34
(1.34)
30.5
(1.2)
30.5
(1.2)
15
(0.59)
15
(0.59)
2
1
3
3
34 (1.34)
23.3
(0.92)
17.7
(0.70)
Receiver
Receiver
Sender
Sender
Ø M12
Ø M12
A 1)
Beam separation 2.5 mm
62.25 (2.45)
17.15 (0.68)
Beam separation 5 mm
63.3 (2.49)
16.1 (0.63)
Beam separation 10 mm
68.3 (2.69)
16.1 (0.63)
Beam separation 20 mm
68.3 (2.69)/78.3 (3.08) 3)
16.1 (0.63)
Beam separation 25 mm
83.3 (3.28)
16.1 (0.63)
Beam separation 30 mm
88.3 (2.69)
16.1 (0.63)
Beam separation 50 mm
108.3 (4.26)
16.1 (0.63)
1) Distance: MLG-2 edge - first beam
2) Distance: MLG-2 edge - last beam
3) MLG20x-xx40: 68.3 mm
MLG20x-xx80: 78.3 mm
B 2)
①  Detection height (see optical performance)
②  Beam separation (RM)
③  Status indicator: green, yellow, red LEDs
④  Safty screw M4; turning moment 0,5 Nm
2019-07-19 17:41:20 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
5


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn