Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB8M Datasheet(PDF) 2 Page - Shanghai Yint Electronic Co., Ltd

Part # MB8M
Description  0.5A Surface Mount Glass Passivated Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

MB8M Datasheet(HTML) 2 Page - Shanghai Yint Electronic Co., Ltd

  MB8M Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd MB8M Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd MB8M Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Trustworthy electronic circuit protection expert
MB1M~MB10M
www.yint.com.cn
Rev:19.3
2
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Items
Test conditions
Symbol
Min
Type
Max
UNIT
Instantaneous forward voltage
IF=0.5A(3)
VF
1
V
Reverse current
VR=VDC
TA=25℃
IR
5
μA
TA=125℃
500
Typical junction capacitance
4.0 V ,1MHz
CJ
13
pF
Note: 3.Pulse test:300μs pulse width,1% duty cycle.
Characteristics Curves
Figure 1- Otput Crrent Derating Curves
Figure 2- Typical Forward Characteristics(per leg)
Figure3- Max. Peak Forward surge Current(per leg)
Figure5 –Typical Reverse Characteristics (per element)
Figure 4 - Typical Junction Capacitance


Similar Part No. - MB8M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB8M MCC-MB8M Datasheet
101Kb / 2P
   0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
MB8M YFWDIODE-MB8M Datasheet
599Kb / 3P
   0.8A GLASS PASSIVATED BRIDGE RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
MB8M MAKOSEMI-MB8M Datasheet
172Kb / 2P
   Surface Mount Bridge Rectifier
logo
SUNMATE electronic Co.,...
MB8M SUNMATE-MB8M Datasheet
346Kb / 2P
   GLASS PASSIVATED SINGLE
logo
TAITRON Components Inco...
MB8M TAITRON-MB8M Datasheet
144Kb / 4P
   0.5A Glass Passivated Bridge Rectifier
More results

Similar Description - MB8M

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B1S WTE-B1S_06 Datasheet
59Kb / 4P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
MB05S ZSELEC-MB05S Datasheet
87Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
HD005 ZSELEC-HD005 Datasheet
87Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LF05F ZSELEC-LF05F Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
MB1F-05-MBF YFWDIODE-MB1F-05-MBF Datasheet
424Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
HD005M ZSELEC-HD005M Datasheet
89Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LB05F ZSELEC-LB05F Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
LLB05S ZSELEC-LLB05S Datasheet
340Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
05A-MB1F-MBF YFWDIODE-05A-MB1F-MBF Datasheet
476Kb / 3P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
B05M ZSELEC-B05M Datasheet
47Kb / 2P
   0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com