Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MB8M Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

Part No. MB8M
Description  0.5A Surface Mount Glass Passivated Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YINT [Shanghai Yint Electronic Co., Ltd]
Homepage  https://www.yint.com.cn/
Logo 

MB8M Datasheet(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 3 page
background image
Trustworthy electronic circuit protection expert
MB1M~MB10M
www.yint.com.cn
Rev:19.3
3
ACKAGE OUTLINE DIMENSIONS
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
DIM
MIN
MAX
DIM
MIN
MAX
A
3.65
(0.144)
4.10
(0.161)
G
2.30
(0.091)
2.70
(0.106)
B
4.95
(0.195)
5.21
(0.205)
H
2.54
(0.100)
-
C
0
10°
J
0 43
(0 017)
0 74
(0 029)
D
0.15
(0.006)
0.41
(0.016)
K
2.41
(0.095)
2.67
(0.105)
E
4.50
(0.177)
4.95
(0.195)


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn