Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM-105BSA Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ICM-105BSA
Description  Color VGA CMOS Image Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM-105BSA Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ICM-105BSA Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 11Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 12Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 13Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ICM105B VGA CMOS sensor
Data Sheet V1.6, August 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 10
Confidential
1: reference to Vdd
[2] Bit line read out power down
0: active
1: power down
[3] Bit line read select
0: bit line 3 is read out
1: bit line 646 is read out
[4] Bit line 3 external input enable
[5] Bit line 646 external input enable
0x95
0x96
AD_SLOPE_END_TIMEL
AD_SLOPE_END_TIMEH
0x02A9
(681)
[9:0] When auto slope adjustment is turned on, if
the slope counter exceeds this value, the ramp
will become steeper
0x97
0x98
AD_WT_BEGINL
AD_WT_BEGINH
0
[9:0] Wave table beginning point
0x99
0x9A
AD_WT_ENDL
AD_WT_ENDH
0x03FC
(1020)
[9:0] Wave table end point, when it is reached,
the waveform will remain fixed until the start of
next row
0x9B
0x9C
AD_SUB_EN_TIMEL
AD_SUB_EN_TIMEH
0x02F8
(760)
[9:0] Column position where the CDS subtraction
pulse is applied
0x9F
0xA0
AD_EXPOSE_TIMEL_C
AD_EXPOSE_TIMEH_C
0x0207
(519)
[15:0] Current exposure time, read only
0xA1
0xA2
AD_WIDTHL_C
AD_WIDTHH_C
0x0302
(770)
[9:0] Current frame width, read only
0xA3
0xA4
AD_HEIGHTL_C
AD_HEIGHTH_C
0x0208
(520)
[15:0] Current frame height, read only
0xA5
0xA6
AD_COL_BEGINL_C
AD_COL_BEGINH_C
0x0064
(100)
[9:0] Current column beginning position, read
only
0xA7
0xA8
AD_ROW_BEGINL_C
AD_ROW_BEGINH_C
0x000A
(10)
[9:0] Current row beginning position, read only
0xA9
0xAA
AD_HSYNC_ENDL_C
AD_HSYNC_ENDH_C
0x0040
(64)
[9:0] Current HSync end position, read only
0xAB
0xAC
AD_VSYNC_ENDL_C
AD_VSYNC_ENDH_C
0x0003
(3)
[15:0] Current VSync end position, read only
0xAD
AD_PART_CONTROL_C
0
[7:0] Current part control setting, read only
0xAE
0xAF
AD_WT_BEGINL_C
AD_WT_BEGINH_C
0
[9:0] Current wave table beginning point, read
only
0xB0
0xB1
AD_WT_ENDL_C
AD_WT_ENDH_C
0x03FC
(1020)
[9:0] Current wave table end point, read only
0xB6
0xB7
AD_F_MAX_ADDRL
AD_F_MAX_ADDRH
0x01E9
(489)
[15:0] Threshold above which the row address
mapping mechanism will be activated
0xB8
0xB9
AD_F_OVERL
AD_F_OVERH
0x01EA
(490)
[15:0] Second threshold above which another
address mapping is kicking in
0xBA
0xBB
AD_F_LIMITAL
AD_F_LIMITAH
0x01EB
(491)
[15:0] The substitute row address when the
original address is above AD_F_OVER in the
vertically flipped mode and when
TIMING_CONTROL[12] is 0
0xBC
0xBD
AD_F_LIMITBL
AD_F_LIMITBH
0x0002
(2)
[15:0] The substitute row address when the
original address is above AD_F_OVER in the
vertically flipped mode and when
TIMING_CONTROL[12] is 1
0xBE
0xBF
AD_F_LIMITCL
AD_F_LIMITCH
0x01EA
(490)
[15:0] The substitute row address when the
original address is between AD_F_MAX_ADDR
and AD_F_OVER in vertically flipped mode


Similar Part No. - ICM-105BSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM-102ASA ETC1-ICM-102ASA Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
ICM-107BPA ETC-ICM-107BPA Datasheet
517Kb / 20P
   ICM107B Mega pixel Color CMOS image sensor
ICM-108BPA ETC1-ICM-108BPA Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
More results

Similar Description - ICM-105BSA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
VS6502 STMICROELECTRONICS-VS6502 Datasheet
52Kb / 2P
   VGA Color CMOS Image Sensor Module
logo
National Semiconductor ...
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
   Color CMOS Image Sensor VGA 30 FPS
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
   CMOS VGA IMAGE SENSOR
logo
National Semiconductor ...
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
   LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com