Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM-105BSA Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ICM-105BSA
Description  Color VGA CMOS Image Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM-105BSA Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ICM-105BSA Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 11Page - List of Unclassifed Manufacturers ICM-105BSA Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ICM105B VGA CMOS sensor
Data Sheet V1.6, August 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 8
Confidential
[13] Column stop, 0: sensor column counter stop
at 649 when exceeding real array, 1: sensor
column counter keeps counting
0x0C
0x0D
AD_WIDTHL
AD_WIDTHH
0x0302
(770)
[9:0] Frame width
0x0E
0x0F
AD_HEIGHTL
AD_HEIGHTH
0x0208
(520)
[15:0] Frame height, should not be less than
AD_ROW_BEGIN + 490
0x10
0x11
AD_COL_BEGINL
AD_COL_BEGINH
0x0064
(100)
[9:0] Beginning of active line in terms of column
position
[10] Left-right mirror image enable
[15:13] Digital gain
0: 1
1: 2
2: 4
3: 8
4: 16
5: 32
6: 64
0x14
0x15
AD_ROW_BEGINL
AD_ROW_BEGINH
0x000A
(10)
[15:0] Beginning of active frame in terms of row
position
0x18
0x19
AD_HSYNC_ENDL
AD_HSYNC_ENDH
0x0040
(64)
[9:0] End of horizontal sync in terms of column
position
0x1A
0x1B
AD_VSYNC_ENDL
AD_VSYNC_ENDH
0x0003
(3)
[15:0] End of vertical sync in terms of row
position
0x1C
0x1D
AD_EXPOSE_TIMEL
AD_EXPOSE_TIMEH
0x0207
(519)
[15:0] Exposure time in terms of number of rows
0x20
0x21
AD_M1_L
AD_M1_H
0x0100
(256)
[10:0] Gain coefficient (Gr), in unsigned 3.8
(default) format
0x22
0x23
AD_M2_L
AD_M2_H
0x0100
(256)
[10:0] Gain coefficient (R), in unsigned 3.8
(default) format
0x24
0x25
AD_M3_L
AD_M3_H
0x0100
(256)
[10:0] Gain coefficient (B), in unsigned 3.8
(default) format
0x26
0x27
AD_M4_L
AD_M4_H
0x0100
(256)
[10:0] Gain coefficient (Gb), in unsigned 3.8
(default) format
0x52
AD_INOUTSEL
0
[4:0] Output format
0: unsigned 3.8 format
1: unsigned 4.7 format
2: unsigned 5.6 format
3: unsigned 6.5 format
8: control signals
9: row address
10: column address
11: sensor raw data
4-7, 12-31: 8-bit raw data
0x53
AD_RAMPSEL
0x04
[7] External reference voltage enable
0x54
0x55
AD_DSRSTL
AD_DSRSTH
0
[8:0] Reset (DA1) overflow value
0x56
0x57
AD_DSDATAL
AD_DSDATAH
0x01F9
(505)
[8:0] Data (DA2) overflow value
0x58
0x59
AD_DSLOWL
AD_DSLOWH
0x00FF
(255)
[8:0] Ramp low threshold
0x5A
0x5B
AD_DSHIGHL
AD_DSHIGHH
0x011D
(285)
[8:0] Ramp high threshold


Similar Part No. - ICM-105BSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM-102ASA ETC1-ICM-102ASA Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
ICM-107BPA ETC-ICM-107BPA Datasheet
517Kb / 20P
   ICM107B Mega pixel Color CMOS image sensor
ICM-108BPA ETC1-ICM-108BPA Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
More results

Similar Description - ICM-105BSA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
VS6502 STMICROELECTRONICS-VS6502 Datasheet
52Kb / 2P
   VGA Color CMOS Image Sensor Module
logo
National Semiconductor ...
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
   Color CMOS Image Sensor VGA 30 FPS
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
   CMOS VGA IMAGE SENSOR
logo
National Semiconductor ...
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
   LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com