Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM-105BTA Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ICM-105BTA
Description  Color VGA CMOS Image Sensor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM-105BTA Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ICM-105BTA Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM-105BTA Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM-105BTA Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM-105BTA Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM-105BTA Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM-105BTA Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM-105BTA Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM-105BTA Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM-105BTA Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ICM105B VGA CMOS sensor
Data Sheet V1.6, August 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 7
Confidential
3. SIF Registers
Address
Name
Default
Description
0x00
PART_CONTROL
0
Processing control
[0] 0: normal mode, 1: single frame mode
[1] Slope adjustment enable
[2] Exposure time control, writing a 1 will
activate the new value set in
AD_EXPOSE_TIME, when read back from it, 0
means either the exposure time change is finished
(in video mode) or the entire frame is transmitted
(in single frame mode), 1 means either the
exposure time change is still in progress (in video
mode) or the frame is yet to finish (in single
frame mode)
[6:3] Frame rate,
0: 30 fps
1: 20 fps
2: 15 fps
3: 12 fps
4: 10 fps
5: 6 fps
6: 5 fps
7: 4 fps
8: 3 fps
9: 2 fps
10: 1 fps
[7] Latent change, writing a 1 means the changed
latent registers now starts taking effect, when the
entire operation is done, the read back value of
this bit will change from 1 to 0.
0x01
0x02
TIMING_CONTROL_LOW
TIMING_CONTROL_HIGH
0x0019
Timing control
[0] Column count enable, set to 0 when filling
wave table, set to 1 when normal operation
[1] HSYNC polarity, 0: active low, 1: active high,
the initial value is determined by DOUT[5]
[2] VSYNC polarity, 0: active low, 1: active high,
the initial value is determined by DOUT[6]
[3] Auto dark correction enable
[4] Timing select, 0: wave table timing, 1: default
timing
[6] Flash polarity, 0: active low, 1: active high
[7] Blank polarity, 0: active low, 1: active high
[8] IRST select, 0: from wave table, 1: from
IRST_NUMBER register
[10] Capture: when in single frame mode, writing
a 1 here will start a frame capture
[11] Dead column removal mode, 0: color, 1:
black-and-white
[12] Out-of-array exposure pointer control, 0:
point to row 487, 1: point to row 490 (a non-
existent row)


Similar Part No. - ICM-105BTA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM-102ASA ETC1-ICM-102ASA Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
ICM-107BPA ETC-ICM-107BPA Datasheet
517Kb / 20P
   ICM107B Mega pixel Color CMOS image sensor
ICM-108BPA ETC1-ICM-108BPA Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
More results

Similar Description - ICM-105BTA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
   VGA CMOS Color Image Sensor
VS6552 STMICROELECTRONICS-VS6552 Datasheet
800Kb / 26P
   VGA Color CMOS Image Sensor Module
VS6502 STMICROELECTRONICS-VS6502 Datasheet
52Kb / 2P
   VGA Color CMOS Image Sensor Module
logo
National Semiconductor ...
LM9627 NSC-LM9627 Datasheet
370Kb / 37P
   Color CMOS Image Sensor VGA 30 FPS
logo
Pixart Imaging Inc.
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
   CMOS VGA IMAGE SENSOR
logo
National Semiconductor ...
LM9647 NSC-LM9647 Datasheet
919Kb / 2P
   LM9647 Color CMOS Image Sensor VGA 68 FPS
LM9628 NSC-LM9628 Datasheet
942Kb / 2P
   LM9628 Color CMOS Image Sensor VGA 30 FPS
logo
Pixart Imaging Inc.
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com