Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C64AH-25U Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IS61C64AH-25U
Description  8K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C64AH-25U Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

  IS61C64AH-25U Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C64AH-25U Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C64AH-25U Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C64AH-25U Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C64AH-25U Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C64AH-25U Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C64AH-25U Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C64AH-25U Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IS61C64AH
8
Integrated Circuit Solution Inc.
SR001-B
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
15
IS61C64AH-15J
300mil SOJ
IS61C64AH-15U
330mil SOP
20
IS61C64AH-20J
300mil SOJ
IS61C64AH-20U
330mil SOP
25
IS61C64AH-25J
300mil SOJ
IS61C64AH-25U
330mil SOP
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5
TH
ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IS61C64AH-25U

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL-10JI ISSI-IS61C64AL-10JI Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL-10JI ISSI-IS61C64AL-10JI Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL-10JLI ISSI-IS61C64AL-10JLI Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C64AH-25U

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com