Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1604AWA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1604AWA
Description  PWM/PFM Dual Mode Step-down DC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1604AWA Datasheet(HTML) 3 Page - Anachip Corp

  AP1604AWA Datasheet HTML 1Page - Anachip Corp AP1604AWA Datasheet HTML 2Page - Anachip Corp AP1604AWA Datasheet HTML 3Page - Anachip Corp AP1604AWA Datasheet HTML 4Page - Anachip Corp AP1604AWA Datasheet HTML 5Page - Anachip Corp AP1604AWA Datasheet HTML 6Page - Anachip Corp AP1604AWA Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP1604
PWM/PFM Dual Mode Step-down DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Jun. 27, 2005
3/7
Electrical Characteristics
VIN=5V, VOUT=2V, Load=300mA, Ta=25°C
Sym.
Parameter
Conditions
Min.
Typ.
Max.
Units
VFB
FB
0.975
1.0
1.025
V
VIN
Input Voltage
2.2
-
5.5
V
Line Regulation
VIN=2.2~5.5V, Load=10mA
-
-
0.12
%
Load Regulation
IOUT=10~800mA
-
-
1.2
%
VUVLO
UVLO Voltage(min.
operating voltage)
VCC, voltage required to maintain H at
VOUT
-
-
2
V
ICC
Operating Current
CE/SS=VIN, No Load
-
100
150
µA
ICCQ
Supply Current
No external components,
CE/SS=VIN, VFB=1.2V
-
90
120
µA
ISTB
Stand-by Current
No external components,
CE/SS=0V, VFB=0V
-
2
-
µA
ICL
Current Limit
peak current
VIN=5V, VOUT=2V
800
1000
1200
mA
Fosc
Oscillator Frequency Load=300mA, VIN=5V, VOUT=2V
500
600
700
kHz
MAXDTY Maximum Duty Ratio
85
90
-
%
PFMDTY PFM Duty Ratio
No load
15
25
35
%
VCEH
CE/SS ”High” Voltage
Apply 1.4V (min.) to CE/SS, determine
VOUT ”High”
1.4
-
-
V
VCEL
CE/SS ”Low” Voltage Same as VCEH, determine VOUT/”Low”
-
-
0.6
V
EFFI
Efficiency
VCC=5V, VOUT=3.3V, Load=300mA
-
93
-
%
Rdson Rdson Condition
IOUT=300mA, VIN=5V, VOUT=2V
-
350
450
mΩ
Typical Performance Characteristics
Vcc v.s. Operating Current
Vcc v.s. Quiescent Current
0
20
40
60
80
100
120
140
160
180
200
2.5
3
3.5
4
4.5
5
5.5
Vcc (V)
0
20
40
60
80
100
120
140
160
180
200
2.533.5
44.555.5
Vcc (V)


Similar Part No. - AP1604AWA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1604AW DIODES-AP1604AW Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1604AWG-7 DIODES-AP1604AWG-7 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1604AWG-7 DIODES-AP1604AWG-7 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1604AWL-7 DIODES-AP1604AWL-7 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1604AWL-7 DIODES-AP1604AWL-7 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
More results

Similar Description - AP1604AWA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
AP1604A DIODES-AP1604A_09 Datasheet
175Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1604A Rev. 2
AP1635 DIODES-AP1635_09 Datasheet
167Kb / 8P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC
AP1635 Rev. 4
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
Diodes Incorporated
AP1609 DIODES-AP1609 Datasheet
164Kb / 8P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 1
AP1609 DIODES-AP1609_09 Datasheet
202Kb / 9P
   PWM/PFM DUAL MODE STEP-UP DC/DC CONVERTER
AP1609 Rev. 2
logo
Anachip Corp
AP1609 ANACHIP-AP1609 Datasheet
181Kb / 8P
   PWM/PFM Dual Mode Step-up DC/DC Converter
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com