Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX5T2E6TA Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZX5T2E6TA
Description  20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZX5T2E6TA Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZX5T2E6TA Datasheet HTML 1Page - Zetex Semiconductors ZX5T2E6TA Datasheet HTML 2Page - Zetex Semiconductors ZX5T2E6TA Datasheet HTML 3Page - Zetex Semiconductors ZX5T2E6TA Datasheet HTML 4Page - Zetex Semiconductors ZX5T2E6TA Datasheet HTML 5Page - Zetex Semiconductors ZX5T2E6TA Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZX5T2E6
SEMICO NDUC TORS
ISSUE 1 - MAY 2004
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT CONDITIONS
Collector-base breakdown voltage
BV CBO
-25
-49
V
IC = -100 A
Collector-emitter breakdown voltage
BV CEO
-20
-43
V
IC = -10mA *
Emitter-base breakdown voltage
BV EBO
-7.5
-8.4
V
IE = -100 A
Collector cut-off current
ICBO
-100
nA
V CB = -20V
Collector cut-off current
ICES
-100
nA
V CB = -20V
Emitter cut-off current
IEBO
-100
nA
V EB =-6 V
Collector-emitter saturation voltage
V CE(SAT)
-10
-100
-110
-15
-140
-130
mV
mV
mV
IC = -0.1A, IB = -10mA*
IC =-1 A, IB = -10mA*
IC = -3.5A, IB = -350mA*
Base-emitter saturation voltage
V BE(SAT)
-0.96
-1.1
V
IC = -3.5A, IB = -350mA*
Base-emitter turn-on voltage
V BE(ON)
-0.8
-0.9
V
IC = -3.5A, VCE =-2 V *
Static forward current transfer ratio
hFE
300
300
150
10
575
450
285
40
900
IC = -10mA, VCE =-2 V *
IC =-1 A, VCE =-2 V *
IC = -3.5A, VCE =-2 V *
IC = -10A, VCE =-2 V *
Transition frequency
fT
110
IC = -50mA, VCE = -10V
f = 50MHz
Output capacitance
COBO
45
pF
V CB =-1 0 V, f =1 MHz *
Switching times
tON
tOFF
90
325
ns
ns
IC =-2 A, VCC = -10V,
IB1 =IB2 = -40mA
ELECTRICAL CHARACTERISTICS (at Tamb = 25° C unless otherwise stated)
NOTES
* Measured under pulsed conditions. Pulse width
300 s; duty cycle
2% .


Similar Part No. - ZX5T2E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T2E6TA DIODES-ZX5T2E6TA Datasheet
113Kb / 6P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
ZX5T2E6TA DIODES-ZX5T2E6TA Datasheet
330Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZX5T2E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2006E6 ZETEX-ZXTP2006E6 Datasheet
95Kb / 8P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
logo
Diodes Incorporated
ZXTP2006E6 DIODES-ZXTP2006E6_15 Datasheet
100Kb / 8P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
ZX5T2E6 DIODES-ZX5T2E6_15 Datasheet
113Kb / 6P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
ZX5T2E6 DIODES-ZX5T2E6 Datasheet
113Kb / 6P
   20V PNP LOW SAT MEDIUM POWER TRANSISTOR IN SOT23-6
logo
Zetex Semiconductors
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
   20V, SOT23, PNP medium power transistor
ZXTP25020BFH ZETEX-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020BFH DIODES-ZXTP25020BFH Datasheet
385Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25020DFH ZETEX-ZXTP25020DFH Datasheet
514Kb / 6P
   20V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25020CFH DIODES-ZXTP25020CFH Datasheet
382Kb / 8P
   20V, SOT23, PNP medium power transistor
ZXTP25020DFH DIODES-ZXTP25020DFH Datasheet
521Kb / 6P
   20V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com