Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61S6432-166PQ Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC61S6432-166PQ
Description  64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61S6432-166PQ Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC61S6432-166PQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61S6432-166PQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61S6432-166PQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61S6432-166PQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61S6432-166PQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61S6432-166PQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61S6432-166PQ Datasheet HTML 10Page - Integrated Circuit Solution Inc IC61S6432-166PQ Datasheet HTML 11Page - Integrated Circuit Solution Inc IC61S6432-166PQ Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IC61S6432
8
Integrated Circuit Solution Inc.
SSR016-0A
09/13/2001
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Input/Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 3.3V.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
1.5 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1 and 2
Figure 1
Output
Buffer
ZO = 50
1.5V
50
30 pF
317
5 pF
Including
jig and
scope
351
OUTPUT
3.3V
Figure 2
AC TEST LOADS


Similar Part No. - IC61S6432-166PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S25632D ICSI-IC61S25632D Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133B ICSI-IC61S25632D-133B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQ ICSI-IC61S25632D-133TQ Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-133TQI ICSI-IC61S25632D-133TQI Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
IC61S25632D-166B ICSI-IC61S25632D-166B Datasheet
397Kb / 22P
   8Mb SyncBurst Pipelined SRAM
More results

Similar Description - IC61S6432-166PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV6432 ICSI-IS61LV6432 Datasheet
487Kb / 16P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61S6432 ISSI-61S6432 Datasheet
140Kb / 19P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Circuit Solu...
IS61S6432 ICSI-IS61S6432 Datasheet
511Kb / 20P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
IS61SP6464 ISSI-IS61SP6464 Datasheet
119Kb / 20P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
List of Unclassifed Man...
IS61LV6464 ETC1-IS61LV6464 Datasheet
129Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
logo
Integrated Silicon Solu...
61SP6464 ISSI-61SP6464 Datasheet
130Kb / 19P
   64K x 64 SYNCHRONOUS PIPELINE STATIC RAM
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Integrated Circuit Solu...
IS61SF6432 ICSI-IS61SF6432 Datasheet
480Kb / 16P
   64K x 32 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Integrated Silicon Solu...
IS61LF6432A ISSI-IS61LF6432A Datasheet
91Kb / 16P
   64K x 32, 64Kx36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Cypress Semiconductor
CYM1831 CYPRESS-CYM1831 Datasheet
246Kb / 8P
   64K x 32 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com