Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-7860-300 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-7860-300
Description  Optically Isolated Sigma-Delta Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-7860-300 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-7860-300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-7860-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
8-pin Gull Wing Surface Mount Option 300
16-Lead Surface Mount
0.635 ± 0.25
(0.025 ± 0.010)
12˚ NOM.
9.65 ± 0.25
(0.380 ± 0.010)
0.51 ± 0.130
(0.020 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
9.80 ± 0.25
(0.386 ± 0.010)
6.350 ± 0.25
(0.250 ± 0.010)
1.016 (0.040)
1.27 (0.050)
10.9 (0.430)
2.0 (0.080)
LAND PATTERN RECOMMENDATION
1.080 ± 0.320
(0.043 ± 0.013)
3.56 ± 0.13
(0.140 ± 0.005)
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.540
(0.100)
BSC
0.20 (0.008)
0.33 (0.013)
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
DIMENSIONS IN MILLIMETERS (INCHES).
TOLERANCES (UNLESS OTHERWISE SPECIFIED): xx.xx = 0.01
xx.xxx = 0.005
LEAD COPLANARITY
MAXIMUM: 0.102 (0.004)
9
7.493 ± 0.254
(0.295 ± 0.010)
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
0.457
(0.018)
3.505 ± 0.127
(0.138 ± 0.005)
10.312 ± 0.254
(0.406 ± 0.10)
10.160 ± 0.254
(0.408 ± 0.010)
0.025 MIN.
0.203 ± 0.076
(0.008 ± 0.003)
STANDOFF
8.986 ± 0.254
(0.345 ± 0.010)
0-8˚
0.457
(0.018)
1.270
(0.050)
ALL LEADS
TO BE
COPLANAR
± 0.002
A 786J
YYWW
TYPE NUMBER
DATE CODE
DIMENSIONS IN MILLIMETERS AND (INCHES).
NOTE: Initial and continued variation in the color of the HCPL-786J's white mold compound is normal
and does not affect device performance or reliability.
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
11.63 (0.458)
2.16 (0.085)
0.64 (0.025)
LAND PATTERN RECOMMENDATION


Similar Part No. - HCPL-7860-300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
More results

Similar Description - HCPL-7860-300

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com