Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7330 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7330
Description  Multiformat 11-Bit Triple DAC Video Encoder
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330 Datasheet(HTML) 5 Page - Analog Devices

  ADV7330 Datasheet HTML 1Page - Analog Devices ADV7330 Datasheet HTML 2Page - Analog Devices ADV7330 Datasheet HTML 3Page - Analog Devices ADV7330 Datasheet HTML 4Page - Analog Devices ADV7330 Datasheet HTML 5Page - Analog Devices ADV7330 Datasheet HTML 6Page - Analog Devices ADV7330 Datasheet HTML 7Page - Analog Devices ADV7330 Datasheet HTML 8Page - Analog Devices ADV7330 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
REV. B
ADV7330
–5–
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Conditions
PROGRESSIVE SCAN MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
SNR
65.6
dB
Luma ramp unweighted
72
dB
Flat field full bandwidth
HDTV MODE
Luma Bandwidth
30
MHz
Chroma Bandwidth
13.75
MHz
STANDARD DEFINITION MODE
Hue Accuracy
0.4
Degrees
Color Saturation Accuracy
0.4
%
Chroma Nonlinear Gain
1.2
±%Referenced to 40 IRE
Chroma Nonlinear Phase
–0.2
±Degrees
Chroma/Luma Intermodulation
0
±%
Chroma/Luma Gain Inequality
97.0
±%
Chroma/Luma Delay Inequality
–1.1
ns
Luminance Nonlinearity
0.5
±%
Chroma AM Noise
84
dB
Chroma PM Noise
75.2
dB
Differential Gain
0.20
%
NTSC
Differential Phase
0.15
Degrees
NTSC
SNR
59.1
dB
Luma ramp
77.7
dB
Flat field full bandwidth
Specifications subject to change without notice.
(VAA = 2.375 V to 2.625 V, VDD = 2.375 V to 2.625 V; VDD_IO = 2.375 V to 3.6 V, VREF = 1.235 V,
RSET = 3040
, RLOAD = 300
. All specifications TMIN to TMAX (0 C to 70 C), unless otherwise noted.)


Similar Part No. - ADV7330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7330 AD-ADV7330_15 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
More results

Similar Description - ADV7330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7330 AD-ADV7330_15 Datasheet
1Mb / 76P
   Multiformat 11-Bit Triple DAC Video Encoder
REV. B
ADV7322 AD-ADV7322_15 Datasheet
1,021Kb / 92P
   Multiformat 11-Bit HDTV Video Encoder
Rev. 0
ADV7312 AD-ADV7312_15 Datasheet
981Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7312 AD-ADV7312 Datasheet
975Kb / 84P
   Multiformat 11-Bit HDTV Video Encoder
REV. 0
ADV7322 AD-ADV7322 Datasheet
973Kb / 88P
   Multiformat 11-Bit HDTV Video Encoder
Rev. PrA
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7342 AD-ADV7342 Datasheet
1Mb / 88P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. 0
ADV7302A AD-ADV7302A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com