Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V124S15YI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT71V124S15YI
Description  3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V124S15YI Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT71V124S15YI Datasheet HTML 1Page - Integrated Device Technology IDT71V124S15YI Datasheet HTML 2Page - Integrated Device Technology IDT71V124S15YI Datasheet HTML 3Page - Integrated Device Technology IDT71V124S15YI Datasheet HTML 4Page - Integrated Device Technology IDT71V124S15YI Datasheet HTML 5Page - Integrated Device Technology IDT71V124S15YI Datasheet HTML 6Page - Integrated Device Technology IDT71V124S15YI Datasheet HTML 7Page - Integrated Device Technology IDT71V124S15YI Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
6.42
7
IDT71V124, 3.3V CMOS Static RAM
1 Meg (128K x 8-Bit), Revolutionary Pinout
Commercial and Industrial Temperature Ranges
PAR
T IN
OBSOLESCENCE
ORDER
71V124SA
FOR
NEW
DESIGNS
Ordering Information
S
Power
XX
Speed
X
Package
X
Process/
Temperature
Range
Blank
I
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
Y400-mil SOJ (SO32-3)
15
20
Device
Type
IDT
Speed in nanoseconds
3484 drw 09
71V124


Similar Part No. - IDT71V124S15YI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
List of Unclassifed Man...
IDT71V124SA-PH ETC2-IDT71V124SA-PH Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
IDT71V124SA-PH ATMEL-IDT71V124SA-PH Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
logo
List of Unclassifed Man...
IDT71V124SA-TY ETC2-IDT71V124SA-TY Datasheet
704Kb / 17P
   STK503 User Guide
logo
ATMEL Corporation
IDT71V124SA-TY ATMEL-IDT71V124SA-TY Datasheet
704Kb / 17P
   Supports the ATmega2560, ATmega1280 and ATmega640
More results

Similar Description - IDT71V124S15YI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
IDT71128 IDT-IDT71128 Datasheet
81Kb / 8P
   CMOS Static RAM 1 Meg (256K x 4-Bit) Revolutionary Pinout
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
45Kb / 9P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124_13 Datasheet
89Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout Equal access and cycle times
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com