Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PT08M6M1HMR Datasheet(HTML) 2 Page - Princeton Technology Corp

Part No. PT08M6M1HMR
Description  ARM ® Cortex™-M0 Microcontroller
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PTC [Princeton Technology Corp]
Homepage  http://www.princeton.com.tw
Logo 

PT08M6M1HMR Datasheet(HTML) 2 Page - Princeton Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
PT32U301
V1.2
2
April 2019
BLOCK DIAGRAM
High Speed
Bus Matrix
M
S
S
AHB-APB
Bridge#2
AHB-APB
Bridge#1
S
SRAM
(4kB)
GPIO
A/B/C/D
UART 0/1
SPI
I2C
ADC
GP Timer 0/1/2
Watchdog
Timer
RTC
PWM 0/1/2
Comparator
S
S
System and Clock Controller
Power
POR
PDR
Clock
Low Power
Controller
HSI OSC.
4 MHz
XTAL OSC.
4-16 MHz
XTAL OSC.
32.768 kHz
LSI OSC.
~30 kHz
PVD
Flash Controller
4kB INFO
32kB Flash
S
ARM Cortex-M0
Processor
WAUP
VDD33
GND
VDDA
XTAL32_IN
XTAL32_OUT
CCPx_A
I2C_SDA
I2C_SCK
SPI_MISO
SPI_MOSI
SPI_SCSN
SPI_SCLK
UARTx_RXD
UARTx_CTS
UARTx_RTS
UARTx_TXD
CAIP[3:0]
PB11-PB00
PC11-PC00
PLL
MCO


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn