Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT08C3M1RXR Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT08C3M1RXR
Description  ARMCortex??M0 Microcontroller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT08C3M1RXR Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT08C3M1RXR Datasheet HTML 1Page - Princeton Technology Corp PT08C3M1RXR Datasheet HTML 2Page - Princeton Technology Corp PT08C3M1RXR Datasheet HTML 3Page - Princeton Technology Corp PT08C3M1RXR Datasheet HTML 4Page - Princeton Technology Corp PT08C3M1RXR Datasheet HTML 5Page - Princeton Technology Corp PT08C3M1RXR Datasheet HTML 6Page - Princeton Technology Corp PT08C3M1RXR Datasheet HTML 7Page - Princeton Technology Corp PT08C3M1RXR Datasheet HTML 8Page - Princeton Technology Corp PT08C3M1RXR Datasheet HTML 9Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PT32U301
V1.2
5
April 2019
1. ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT32U301
LQFP 48
PT32U301
PT32U301
LQFP 32
PT32U301
PT32U301
SSOP 24
PT32U301
PT32U301
SOP 16
PT32U301
PT32U301
SOP 8
PT32U301
T 3 2 U 3 0 1
Device Variant
32 : 32-bit MCU M0
33 : 32-bit MCU M3
35 : 32-bit MCU M4
08 : 8-bit MCU 8051
M : Medical/Motor
C : Connectivity
U : Universal
Product Line Code
0-1 : USB
5 : PLC
6-7 : RF
3 : 3.3V Power/IO
5 : 5V Power/IO
P
Product Type Sub Family
Product Type
C : Connectivity
0-1 : Medical
2-3 : Motor
M : Medical/Motor
3 : CAN/LIN
H G M
Flash Memory Size
PT : Princeton Technology
MCU Type
I/O Type
1 : Default Variant
Pin Count
M : 48 pins
R : 64 pins
Package Type
G : LQFP, 7x7 mm
2
T : 64KB Eflash Memory, 8KB SRAM
H : 32KB Eflash Memory, 4KB SRAM
6 : SiP
A
PKG Version
W : 32 pins
P : 24 pins
B : 8 pins
N : QFN, 5x5 mm
2
M : QFN, 4x4 mm
2
X : SOP, 150 mil
R : 64KB E flash Memory, 16KB SRAM


Similar Part No. - PT08C3M1RXR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PT08 OMRON-PT08 Datasheet
300Kb / 13P
   General Purpose Relay
PT08 OMRON-PT08 Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
PT08-0 OMRON-PT08-0 Datasheet
300Kb / 13P
   General Purpose Relay
PT08-0 OMRON-PT08-0 Datasheet
9Mb / 22P
   Power-switching Compact General-purpose Relays
2021.4
logo
FOTEK CONTROLS CO., LTD...
PT08-01NBE-PG FOTEK-PT08-01NBE-PG Datasheet
1Mb / 8P
   Inductive proximity sensor
More results

Similar Description - PT08C3M1RXR

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
   ARM 짰 Cortex??M0 Microcontroller
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
   ARM 짰 Cortex??M0 Microcontroller
PT32M621 PTC-PT32M621 Datasheet
131Kb / 2P
   ARM 짰 Cortex??M0 Micontroller
PT32M622 PTC-PT32M622 Datasheet
271Kb / 4P
   ARM 짰 Cortex??M0 Micro Controller
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com