Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL45D2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # BUL45D2
Description  POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45D2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button BUL45D2 Datasheet HTML 4Page - ON Semiconductor BUL45D2 Datasheet HTML 5Page - ON Semiconductor BUL45D2 Datasheet HTML 6Page - ON Semiconductor BUL45D2 Datasheet HTML 7Page - ON Semiconductor BUL45D2 Datasheet HTML 8Page - ON Semiconductor BUL45D2 Datasheet HTML 9Page - ON Semiconductor BUL45D2 Datasheet HTML 10Page - ON Semiconductor BUL45D2 Datasheet HTML 11Page - ON Semiconductor BUL45D2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BUL45D2
9
Motorola Bipolar Power Transistor Device Data
TYPICAL SWITCHING CHARACTERISTICS
Table 1. Inductive Load Switching Drive Circuit
V(BR)CEO(sus)
L = 10 mH
RB2 = ∞
VCC = 20 Volts
IC(pk) = 100 mA
Inductive Switching
L = 200
µH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
RBSOA
L = 500
µH
RB2 = 0
VCC = 15 Volts
RB1 selected for
desired IB1
+15 V
1
µF
150
3 W
100
3 W
MPF930
+10 V
50
COMMON
–Voff
500
µF
MPF930
MTP8P10
MUR105
MJE210
MTP12N10
MTP8P10
150
3 W
100
µF
Iout
A
RB1
RB2
1
µF
IC PEAK
VCE PEAK
VCE
IB
IB1
IB2
Figure 28. Forward Bias Safe Operating Area
100
0.01
1000
10
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
Figure 29. Reverse Bias Safe Operating Area
6
3
0
800
200
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
100
1
0.1
DC
5 ms
1 ms
10
µs
1
µs
2
0 V
–1.5 V
– 5 V
TC ≤ 125°C
GAIN
≥ 5
LC = 2 mH
300
400
700
600
5
4
TYPICAL CHARACTERISTICS
500
10
1


Similar Part No. - BUL45D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2 Datasheet
227Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
BUL45D2G ONSEMI-BUL45D2G Datasheet
227Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
BUL45D2 ONSEMI-BUL45D2_14 Datasheet
227Kb / 11P
   High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
More results

Similar Description - BUL45D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
   POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
MJE18004D2 MOTOROLA-MJE18004D2 Datasheet
466Kb / 12P
   POWER TRANSISTORS 5 AMPERES 1000 VOLTS 75 WATTS
logo
ON Semiconductor
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
   4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
logo
Motorola, Inc
BUD43B MOTOROLA-BUD43B Datasheet
112Kb / 4P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
logo
ON Semiconductor
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
logo
Motorola, Inc
BUD44D2 MOTOROLA-BUD44D2 Datasheet
538Kb / 10P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
   POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
MJE18204 MOTOROLA-MJE18204 Datasheet
484Kb / 12P
   POWER TRANSISTORS 5 AMPERES 1200 VOLTS 35 and 75 WATTS
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
   POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com