Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1577Y Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1577Y
Description  1.2A White LED Regulating Charge Pump for Camera Flashes and Movie Lights
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1577Y Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1577Y Datasheet HTML 1Page - Maxim Integrated Products MAX1577Y Datasheet HTML 2Page - Maxim Integrated Products MAX1577Y Datasheet HTML 3Page - Maxim Integrated Products MAX1577Y Datasheet HTML 4Page - Maxim Integrated Products MAX1577Y Datasheet HTML 5Page - Maxim Integrated Products MAX1577Y Datasheet HTML 6Page - Maxim Integrated Products MAX1577Y Datasheet HTML 7Page - Maxim Integrated Products MAX1577Y Datasheet HTML 8Page - Maxim Integrated Products MAX1577Y Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
1.2A White LED Regulating Charge Pump for
Camera Flashes and Movie Lights
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1
EN1
Control Logic Input (see Table 1)
2CP
Transfer Capacitor Positive Connection. Connect a 1µF capacitor (or 2.2µF for IOUT > 600mA) from
CP to CN.
3CN
Transfer Capacitor Negative Connection. Connect a 1µF capacitor (or 2.2µF for IOUT > 600mA) from
CP to CN.
4
EN2
Control Logic Input (see Table 1)
5
GND
Ground
6IN
Input Supply Voltage. Connect IN to a battery or supply voltage from 2.7V to 5.5V. Connect a 4.7µF
ceramic capacitor from IN to GND.
7CS
Current-Sense Input. Connect a current-sense resistor from OUT to CS to set the output current.
Connect the anodes of the LEDs to CS and the cathodes to GND.
8
OUT
Output. Connect a 10µF ceramic capacitor from OUT to GND. In shutdown, OUT is pulled to GND
with an internal 5k
Ω resistor.
—EP
Exposed Pad. Connect the exposed pad to GND directly under the IC.
Table 1. Enable, Dimming, Voltage Mode, and Overvoltage Protection
VOLTAGE MODE
OVP
EN1
EN2
DIMMING LEVEL
CS THRESHOLD
(VOUT - VCS)
MAX1577Z
MAX1577Y
MAX1577Z
MAX1577Y
00
Shutdown
01
20% Current
60mV
5.10V
3.40V
5.30V
5.15V
10
33% Current
100mV
5.10V
4.60V
5.30V
5.17V
11
100% Current
300mV
5.10V
5.10V
5.30V
5.30V
Note: A “0” indicates EN_ is logic low or connected to GND. A “1” indicates EN_ is logic high or connected to IN.


Similar Part No. - MAX1577Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1577Y MAXIM-MAX1577Y Datasheet
670Kb / 11P
   1.2A White LED Regulating Charge Pump for Camera Flashes and Movie Lights
Rev 0; 11/04
MAX1577YETA MAXIM-MAX1577YETA Datasheet
670Kb / 11P
   1.2A White LED Regulating Charge Pump for Camera Flashes and Movie Lights
Rev 0; 11/04
More results

Similar Description - MAX1577Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1577 MAXIM-MAX1577 Datasheet
670Kb / 11P
   1.2A White LED Regulating Charge Pump for Camera Flashes and Movie Lights
Rev 0; 11/04
logo
Linear Technology
LTC3214 LINER-LTC3214 Datasheet
184Kb / 12P
   500mA Camera LED Charge Pump
LTC3214 LINER-LTC3214_15 Datasheet
160Kb / 12P
   500mA Camera LED Charge Pump
logo
Maxim Integrated Produc...
MAX1576 MAXIM-MAX1576 Datasheet
2Mb / 22P
   480mA White LED 1x/1.5x/2x Charge Pump for Backlighting and Camera Flash
REV 0 November 2000
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
   Charge Pump LED Driver For Camera Flash
logo
ams AG
AS3683 AMSCO-AS3683 Datasheet
409Kb / 4P
   1A Backlight and Camera LED Power Charge Pump
logo
Monolithic Power System...
MP3214 MPS-MP3214 Datasheet
329Kb / 9P
   500mA LED Camera Flash Charge Pump
logo
Sipex Corporation
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com