Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJP121000GV Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CJP121000GV
Description  THICK FILM CHIP RESISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CJP121000GV Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CJP121000GV Datasheet HTML 1Page - List of Unclassifed Manufacturers CJP121000GV Datasheet HTML 2Page - List of Unclassifed Manufacturers CJP121000GV Datasheet HTML 3Page - List of Unclassifed Manufacturers CJP121000GV Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
American Accurate Components, Inc.
THICK FILM CHIP RESISTORS
05/16/05
188 Technology Drive Unit H, Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
4
CR-KITS Series, Thick Film Chip Resistor Engineering Kits
This engineering and design kit is a great sales tool, allowing for application testing before ordering minimum
quantities. AAC offers a wide assortment of popular chip resistors sizes and tolerances, in addition to a large quantity
of each value. The kits are convenient with easy-to-use packaging.
PACKAGE CONSTRUCTION
E-24 KIT VALUES
3 Ring Binder Case Holder
Plastic pages with slip holders for each value
Each value is individually identified in a slip holder
Resistors are packaged on paper tape strips
2.2
2.7
3.9
4.7
6.8
8.2
10
18
22
27
33
39
47
68
75
100
120
150
180
220
270
330
390
470
560
680
850
1.0K
1.2K
1.5K
1.8K
2.2K
2.7K
3.3K
3.9K
4.7K
5.6K
6.8K
8.2K
10K
12K
15K
18K
22K
27K
33K
39K
47K
56K
82K
100K
120K
150K
220K
270K
390K
470K
560K
1.0M
2.2M
E-96 KIT VALUES
10.0
11.3
12.1
13.3
15.0
16.5
18.2
20.0
22.1
24.3
26.1
28.7
33.2
35.7
39.2
42.2
46.4
51.1
56.2
61.9
68.1
75.0
82.5
90.9
100
107
118
133
150
162
174
200
215
237
261
287
301
332
348
383
422
475
511
549
604
681
750
825
909
1.00K
1.10K
1.21K
1.33K
1.50K
1.62K
1.82K
2.00K
2.21K
2.37K
2.67K
3.01K
3.32K
3.92K
4.22K
4.75K
5.11K
5.62K
6.19K
6.81K
7.50K
8.25K
9.09K
10.0K
11.0K
12.1K
13.0K
15.0K
16.2K
18.2K
20.0K
22.1K
23.7K
27.4K
30.1K
33.2K
39.2K
41.2K
47.5K
49.9K
56.2K
60.4K
68.1K
75.0K
82.5K
90.9K
100K
110K
121K
130K
150K
162K
178K
200K
221K
237K
255K
274K
301K
332K
365K
392K
422K
464K
511K
536K
562K
619K
649K
681K
732K
750K
825K
866K
909K
953K
1.0M
Engineering Kits J Type
FEATURES
EIA Standard E-24 Values
Full range from 1
Ω ~ 1M Ω
Resistance Tolerance of +5%
3,000 Pieces: 50 pieces of 60 different values
ISO 9002 Quality Certified products
Part Number for +5% Sample Kit
Part Number
Description
CR05-J-KITS
0402, 1/16w, 5%, E-24 values
(1
Ω through 2.2M Ω)
CR16-J-KITS
0603, 1/16w, 5%, E-24 values
(1
Ω through 2.2M Ω)
CR10-J-KITS
0805, 1/10w, 5%, E-24 values
(1
Ω through 2.2M Ω)
CR18-J-KITS
1206, 1/8w, 5%, E-24 values
(1
Ω through 2.2M Ω)
Engineering Kits F Type
FEATURES
EIA Standard E-24 Values
Full range from 10
Ω ~ 1M Ω
Resistance Tolerance of +1%
3,150 Pieces: 25 pieces of 126 different values
ISO 9002 Quality Certified products
Part Number for +1% Sample Kit
Part Number
Description
CR05-F-KITS
0402, 1/16w, 1%, E-96 values
(10
Ω through 1M Ω)
CR16-F-KITS
0603, 1/16w, 1%, E-96 values
(10
Ω through 1M Ω)
CR10-F-KITS
0805, 1/10w, 1%, E-96 values
(10
Ω through 1M Ω)
CR18-F-KITS
1206, 1/8w, 1%, E-96 values
(10
Ω through 1M Ω)


Similar Part No. - CJP121000GV

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
CJP120 TEC-CJP120 Datasheet
199Kb / 4P
   Aluminium Enclosed Resistor
Rev B 06/2022
logo
ZP Semiconductor
CJP12N60 ZPSEMI-CJP12N60 Datasheet
681Kb / 2P
   Plastic-Encapsulate MOSFETS
CJP12N60 ZPSEMI-CJP12N60 Datasheet
389Kb / 2P
   6 0 0V N-Channel Power MOSFET
CJP12N65 ZPSEMI-CJP12N65 Datasheet
724Kb / 3P
   N -Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJP12N65 JIANGSU-CJP12N65 Datasheet
1Mb / 4P
   N-Channel Power MOSFET
More results

Similar Description - CJP121000GV

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com