Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP40RGZR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP40RGZR
Description  DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP40RGZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65LVCP40RGZR Datasheet HTML 2Page - Texas Instruments SN65LVCP40RGZR Datasheet HTML 3Page - Texas Instruments SN65LVCP40RGZR Datasheet HTML 4Page - Texas Instruments SN65LVCP40RGZR Datasheet HTML 5Page - Texas Instruments SN65LVCP40RGZR Datasheet HTML 6Page - Texas Instruments SN65LVCP40RGZR Datasheet HTML 7Page - Texas Instruments SN65LVCP40RGZR Datasheet HTML 8Page - Texas Instruments SN65LVCP40RGZR Datasheet HTML 9Page - Texas Instruments SN65LVCP40RGZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
SN65LVCP40
SLLS623B – SEPTEMBER 2004 – REVISED MAY 2005
Table 1. Signal Descriptions
SIGNAL
PIN(S)
TYPE
SIGNAL TYPE
DESCRIPTION
LINE SIDE HIGH-SPEED I/O
LI_0P
6
I (w/ 50-
Ω termination PECL/CML
Differential input, port_0 line side
LI_0N
7
to VBB)
compatible
LI_1P
30
I (w/ 50-
Ω termination PECL/CML
Differential input, port_1 line side
LI_1N
31
to VBB)
compatible
LO_0P
33
O
VML(1)
Differential output, port_0 line side
LO_0N
34
LO_1P
9
O
VML(1)
Differential output, port_1 line side
LO_1N
10
SWITCH SIDE HIGH-SPEED I/O
SIA_0P
40
I (w/ 50-
Ω termination CML/PECL
Differential input, mux_0 switch_A_side
SIA_0N
39
to VBB)
compatible
SIB_0P
43
I (w/ 50-
Ω termination CML/PECL
Differential input, mux_0 switch_B_side
SIB_0N
42
to VBB)
compatible
SIA_1P
16
I (w/ 50-
Ω termination CML/PECL
Differential input, mux_1 switch_A_side
SIA_1N
15
to VBB)
compatible
SIB_1P
19
I (w/ 50-
Ω termination CML/PECL
Differential input, mux_1 switch_B_side
SIB_1N
18
to VBB)
compatible
SOA_0P
46
O
VML(1)
Differential output, mux_0 switch_A_side
SOA_0N
45
SOB_0P
4
O
VML(1)
Differential output, mux_0 switch_B_side
SOB_0N
3
SOA_1P
22
O
VML(1)
Differential output, mux_1 switch_A_side
SOA_1N
21
SOB_1P
28
O
VML(1)
Differential output, mux_1 switch_B_side
SOB_1N
27
CONTROL SIGNALS
Output preemphasis control, line side port_0 and port_1. Has internal
PREL_0
12
I (w/ 35-k
Ω pullup)
LVTTL
pull-up. See Preemphasis Controls PREL_0, PREL_1, PRES_0 and
PREL_1
1
PRES for function definition.
Output preemphasis control, switch side port_0 and port_1. See
PRES_0
36
I (w/ 35-k
Ω pullup)
LVTTL
Preemphasis Controls PREL_0, PREL_1, PRES_0 and PRES for
PRES_1
25
function definition.
LB0A
47
Loopback control for mux_0 switch side. See Loopback Controls LB0A,
I (w/ 35-k
Ω pullup)
LVTTL
LB0B
48
LB0B, LB1A and LB1B for function definition.n
LB1A
23
Loopback control for mux_1 switch side. See Loopback Controls LB0A,
I (w/ 35-k
Ω pullup)
LVTTL
LB1B
24
LB0B, LB1A and LB1B for function definition.n
MUX_S0
37
Port A and B multiplex control of mux_0 and mux_1. See Multiplex
I (w/ 35-k
Ω pullup)
LVTTL
MUX_S1
13
Controls MUX_S0 and MUX_S1 for function definition.
No connect. This pin is unused and can be left open or tied to GND with
REXT
26
N/A
any resistor.
POWER SUPPLY
2, 8, 14,
20, 29,
VCC
PWR
Power supply 3.3 V ±5%
35, 38,
44
5, 11, 17,
GND
PWR
Power supply return
32, 41
The ground center pad is the metal contact at the bottom of the 48-pin
GND
package. It must be connected to the GND plane. At least 4 vias are
PWR
Center Pad
recommended to minimize inductance and provide a solid ground. See
the package drawing for the via placement.
(1)
VML stands for Voltage Mode logic; VML provides a differential output impedance of 100-
Ω. VML offers the benefits of CML and
consumes less power.
6


Similar Part No. - SN65LVCP40RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40RGZR TI-SN65LVCP40RGZR Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40RGZR TI-SN65LVCP40RGZR Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40RGZRG4 TI-SN65LVCP40RGZRG4 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40RGZRG4 TI-SN65LVCP40RGZRG4 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
More results

Similar Description - SN65LVCP40RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP40 TI-SN65LVCP40_08 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI-SN65LVCP40_07 Datasheet
1Mb / 23P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
SN65LVCP40 TI1-SN65LVCP40_14 Datasheet
1Mb / 25P
[Old version datasheet]   DC TO 4-GBPS DUAL 1:2 MULTIPLEXER/REPEATER/EQUALIZER
DS10BR254 TI1-DS10BR254_15 Datasheet
1Mb / 19P
[Old version datasheet]   1.5 Gbps 1:4 LVDS Repeater
logo
National Semiconductor ...
DS10BR254 NSC-DS10BR254 Datasheet
286Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
DS10BR254 NSC-DS10BR254_08 Datasheet
287Kb / 14P
   1.5 Gbps 1:4 LVDS Repeater
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174_06 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10174 ONSEMI-MC10174_02 Datasheet
91Kb / 4P
   Dual 4 to 1 Multiplexer
January, 2002 ??Rev. 7
MC10174 ONSEMI-MC10174 Datasheet
110Kb / 4P
   Dual 4 to 1 Multiplexer
1996 REV 5
logo
Microchip Technology
EQCO125X40 MICROCHIP-EQCO125X40 Datasheet
408Kb / 8P
   12.5 Gbps Asymmetric Equalizer/Driver/Repeater Product Brief
02/28/20B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com