Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT32C5M1HMW Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT32C5M1HMW
Description  ARMCortex??M0 Microcontroller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT32C5M1HMW Datasheet(HTML) 7 Page - Princeton Technology Corp

  PT32C5M1HMW Datasheet HTML 1Page - Princeton Technology Corp PT32C5M1HMW Datasheet HTML 2Page - Princeton Technology Corp PT32C5M1HMW Datasheet HTML 3Page - Princeton Technology Corp PT32C5M1HMW Datasheet HTML 4Page - Princeton Technology Corp PT32C5M1HMW Datasheet HTML 5Page - Princeton Technology Corp PT32C5M1HMW Datasheet HTML 6Page - Princeton Technology Corp PT32C5M1HMW Datasheet HTML 7Page - Princeton Technology Corp PT32C5M1HMW Datasheet HTML 8Page - Princeton Technology Corp PT32C5M1HMW Datasheet HTML 9Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PT32U301
V1.2
9
April 2019
3. PIN DESCRIPTION
Each GPIO line can be assigned to one of the peripheral functions. The following table lists out the pin name of all
packages and its respective available alternate function.
Pin Name
Pin
Type
Description
Pin No.
LQFP48 LQFP32 SSOP24 SOP16
SOP8
PC07
I/O
General Purpose Digital I/O Pin
1
PC08
I/O
General Purpose Digital I/O Pin
2
PC09
I/O
General Purpose Digital I/O Pin
3
PC10
I/O
General Purpose Digital I/O Pin
4
PC11
I/O
General Purpose Digital I/O Pin
5
PA00
I/O
General Purpose Digital I/O Pin
6
1
15
11
6
PA01
I/O
General Purpose Digital I/O Pin
7
2
16
12
7
PA02
I/O
General Purpose Digital I/O Pin
8
3
17
13
PA03
I/O
General Purpose Digital I/O Pin
9
4
18
14
PA04
I/O
General Purpose Digital I/O Pin
10
5
19
PA05
I/O
General Purpose Digital I/O Pin
11
6
20
PA06
I/O
General Purpose Digital I/O Pin
12
7
21
PA07
I/O
General Purpose Digital I/O Pin
13
8
22
15
PA08
I/O
General Purpose Digital I/O Pin
14
9
23
16
PA09
I/O
General Purpose Digital I/O Pin
15
10
24
PA10
I/O
General Purpose Digital I/O Pin
16
PA11
I/O
General Purpose Digital I/O Pin
17
VDDA
Supply Analog Voltage Supply
18
11
1
1
8
VSSA
Ground Analog Ground
19
12
2
2
1
PD15_XTAL32_OUT
I/O
General Purpose Digital I/O Pin/Crystal Output
20
13
PD14_XTAL32_IN
I/O
General Purpose Digital I/O Pin/Crystal Input
21
14
PD13_XTAL_OUT
I/O
General Purpose Digital I/O Pin/Crystal Output
22
15
3
PD12_XTAL_IN
I/O
General Purpose Digital I/O Pin/Crystal input
23
16
4
PD11_NRST
I/O
General Purpose Digital I/O Pin/Reset
24
17
5
3
2
PD10
I/O
General Purpose Digital I/O Pin
25
18
6
4
PD09
I/O
General Purpose Digital I/O Pin
26
19
PD08
I/O
General Purpose Digital I/O Pin
27
20
PD07
I/O
General Purpose Digital I/O Pin
28
PB11
I/O
General Purpose Digital I/O Pin
29
PB10
I/O
General Purpose Digital I/O Pin
30
PB09
I/O
General Purpose Digital I/O Pin
31
PB08
I/O
General Purpose Digital I/O Pin
32
7
PB07
I/O
General Purpose Digital I/O Pin
33
21
8
5
PB06
I/O
General Purpose Digital I/O Pin
34
22
9
6
PB05
I/O
General Purpose Digital I/O Pin
35
23
10
7
VDD33
Supply Voltage Supply
36
24
11
PB04
I/O
General Purpose Digital I/O Pin
37
25
PB03
I/O
General Purpose Digital I/O Pin
38
26
PB02
I/O
General Purpose Digital I/O Pin
39
27
12
8
3


Similar Part No. - PT32C5M1HMW

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
   ARM 짰 Cortex??M0 Microcontroller
More results

Similar Description - PT32C5M1HMW

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
   ARM 짰 Cortex??M0 Microcontroller
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
   ARM 짰 Cortex??M0 Microcontroller
PT32M621 PTC-PT32M621 Datasheet
131Kb / 2P
   ARM 짰 Cortex??M0 Micontroller
PT32M622 PTC-PT32M622 Datasheet
271Kb / 4P
   ARM 짰 Cortex??M0 Micro Controller
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com