Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTR-B2NA012Z Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FTR-B2NA012Z
Description  4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B2NA012Z Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FTR-B2NA012Z Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B2NA012Z Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B2NA012Z Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B2NA012Z Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B2NA012Z Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B2NA012Z Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B2NA012Z Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B2NA012Z Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FTR-B2 Series
NOT
FOR
NEW
DESIGN
s CHARACTERISTIC DATA
s REFERENCE DATA
10
8
6
4
2
0
0
0.2
0.4
0.6
0.8
,








Operation
(return time characteristics)
Coil Power (W)
Operation time
Release
80
60
40
20
0
0.2
0.4
0.6
0.8
Coil Temperature Rise
Coil Power (W)
Contact
carrying
current:
1A
Contact
carrying
current:
0A
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
204060
80
100
Contact
carrying
current:
1A
Contact
carrying
current:
0A
Operating Voltage
(hot coil)
Operating Voltage
(cool coil)
Ambient Temperature
(maximum applied voltage,
operating voltage characteristics)
Ambient Temperature (˚C)
3
2
1
0.5
0.4
0.2
0.3
0.1
1
5
10
30 50
100 200
Maximum Switching Power
Contact Voltage (V)
DC Resistive
AC Resistive
100
50
30
20
10
5
0
0.2
0.4
0.6
0.8
1.0
1.2
Life Curve
Contact Current (A)
30 VDC Resistive
125 VAC Resistive
100
80
60
40
20
0
10 20 30 40 50 60 70
100
90
80




~



P
Q
Distribution of Operate
and Release Voltage
Nominal Voltage Multiplying Factor (%)
Operate
Release
FTR-B2MA4.5Z
n=100


P
Q


~


~

100
80
60
40
20
0
12
3
45
6
Distribution of Operate
and Release Time
Time (ms)
FTR-B2MA4.5Z
n=100
Operate
Release
100
80
60
40
20
0
1020
30
405060
70




~
Q

Q
Distribution of Contact Resistance
Break
Make
Contact Resistance (m
Ω)
FBR-B2MA4.5Z
n=100


Similar Part No. - FTR-B2NA012Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B2NA012Z FUJITSU-FTR-B2NA012Z Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
More results

Similar Description - FTR-B2NA012Z

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2_06 Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
logo
TE Connectivity Ltd
RPII-2 TEC-RPII-2 Datasheet
313Kb / 2P
   2 pole 8 A, 2 form C (CO) or 2 form A (NO) contacts
logo
IXYS Corporation
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
   Dual-Pole, 2-Form-A OptoMOS Relay
logo
List of Unclassifed Man...
T92S7D12-12 ETC2-T92S7D12-12 Datasheet
1Mb / 4P
   40A, 2 form A (NO) and 2 form C (CO) switching capability
logo
Nais(Matsushita Electri...
TQ2-3V NAIS-TQ2-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
   2 Form A Solid State Relay
Rev. 1.3, 26-Oct-04
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.6, 25-Jul-11
logo
Nais(Matsushita Electri...
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
   2 Form A slim power relay
logo
Vishay Siliconix
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
   2 Form A Solid-State Relay
Rev. 1.5, 25-Jul-11
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
   2 Form A Solid State Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com