Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPT1059A Datasheet(PDF) 7 Page - International Rectifier

Part # IRPT1059A
Description  Integrated Power Stage for 1hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1059A Datasheet(HTML) 7 Page - International Rectifier

Back Button IRPT1059A Datasheet HTML 3Page - International Rectifier IRPT1059A Datasheet HTML 4Page - International Rectifier IRPT1059A Datasheet HTML 5Page - International Rectifier IRPT1059A Datasheet HTML 6Page - International Rectifier IRPT1059A Datasheet HTML 7Page - International Rectifier IRPT1059A Datasheet HTML 8Page - International Rectifier IRPT1059A Datasheet HTML 9Page - International Rectifier IRPT1059A Datasheet HTML 10Page - International Rectifier IRPT1059A Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IRPT1059
www.irf.com
page 7
Mounting, Hookup and Application Instructions
Mounting
1.
Remove all particles and grit from the heat sink and power
substrate.
2.
Spread a .004" to .005" layer of silicone grease on the heat
sink, covering the entire area that the power substrate will
occupy. Recommended heat sink flatners is .001 inch/inch and
Total Indicator Readout (TIR) of .003 inch below substrate
3.
Place the power substrate onto the heat sink with the
mounting holes aligned and press it firmly into the silicone
grease.
4.
Place the 2 M4 mounting screws through the PCB and
power module and into the heat sink and tighten the screws to 1
Nm torque.
Control Connections
All input and output control connections are made via a 16-
terminal female connector to J3.
Power Connections
Single-phase input connections are made to terminals R,S and
T (J1). Inverter output terminal connections are made to
terminals U,V and W (J2).
Power-Up Procedure
When single-phase input power is first switched on, PWM
inputs to the IRPT1059C must be inhibited (held high) until the
protection latch circuitry is reset. To reset this latch before
inverter start-up, RESET pin on J3 connector must be pulled
down low for at least 2
µsec. This will set the Fault feedback
signal on J3 high. Now, the PWM input signals can be applied
for inverter start-up.
Power-Down Procedure
The following sequence is recommended for normal power
down:
1. reduce motor speed by PWM control
2. inhibit PWM inputs
3. disconnect main power.
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
123456789012345678901234567890
12
Figure 7a. Control Signal Connector
Figure 7b. Input and Output Terminal Blocks
Figure 6. Power Module Mounting Screw Sequence


Similar Part No. - IRPT1059A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
   Power Module for 1 hp Motor Drives
More results

Similar Description - IRPT1059A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
   Integrated Power Stage for 15 hp Motor Drives
IRPT2051 IRF-IRPT2051 Datasheet
131Kb / 12P
   Integrated Power Stage for 3 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com