Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPT1059D Datasheet(PDF) 3 Page - International Rectifier

Part # IRPT1059D
Description  Integrated Power Stage for 1hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1059D Datasheet(HTML) 3 Page - International Rectifier

  IRPT1059D Datasheet HTML 1Page - International Rectifier IRPT1059D Datasheet HTML 2Page - International Rectifier IRPT1059D Datasheet HTML 3Page - International Rectifier IRPT1059D Datasheet HTML 4Page - International Rectifier IRPT1059D Datasheet HTML 5Page - International Rectifier IRPT1059D Datasheet HTML 6Page - International Rectifier IRPT1059D Datasheet HTML 7Page - International Rectifier IRPT1059D Datasheet HTML 8Page - International Rectifier IRPT1059D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRPT1059
www.irf.com
page 3
Figure 3. IRPT1059D Driver-
Plus Board
The protection circuitry receives current signals from shunts
in positive and negative DC bus rail for earth/ground fault and
short-circuit conditions. Any earth-fault signal is fed through an
opto-isolator to the protection circuitry. Current signal from
negative DC bus rail is provided on the J3 connector as current
feedback, IFB (0.045V/A). If filtering of this signal is required,
it should be done by adding a high-impedance buffer stage
between signal and filter. DC bus voltage is scaled down to
provided a voltage signal on the J3 connector as voltage
feedback, VFB (0.023 x Bus voltage). Thermal sense signal for
over-temperature protection is obtained from a thermistor
housed inside the power module. The thermistor activates the
latch if the temperature of the power module’s IMS substrate
exceeds a set level.
The system is designed for 150% overload for one minute
while operating with the specified heat sink. The external
microcontroller should shut off PWM signals if the overload
condition persists for more than one minute.
The switching power supply employs the IR2152S self-
oscillating driver chip in a buck regulator topology to deliver
nominal 15V and 5V DC outputs, referenced to the negative DC
bus (N). The power supply feeds the gate drive and protection
circuits. The 15V and 5V outputs are available on the control
interface connector’s (J3) VCC and VDD pins for external
microprocessor and control logic supply.
The IRPT1059D Driver-
Plus Board
The IRPT1059D Driver-Plus board, shown in figure 3, houses
surge suppression MOV on input, a switching power supply, a DC
bus filter capacitor with NTC inrush current limiter, an IR2132J
monolithic 3-phase driver IC, and protection and sensing circuitry.
The inverter gate drive circuit, implemented with an IR2132J
monolithic 3-phase HVIC driver, delivers on/off gate drive
signals to the IGBTs’ gates, corresponding with input PWM
control signals IN1 through IN6. After power-up, RESET pin on
the J3 connector must be held low (with open collector
configuration) for at least 2
µsec while all PWM signals, IN1
through IN6 are held high (off condition). A latch in the
protection circuitry is set high during a fault condition to trip the
IR2132J’s internal latch and shut down all PWM output gate
drive signals and cause the FAULT output pin on IR2132J to set
low and light the LED. The Fault diagnostic is an active low,
open drain output with a pull-up resistor. This signal is provided
on the J3 connector for fault feedback to external control logic.


Similar Part No. - IRPT1059D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
   Power Module for 1 hp Motor Drives
More results

Similar Description - IRPT1059D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
   Integrated Power Stage for 15 hp Motor Drives
IRPT2051 IRF-IRPT2051 Datasheet
131Kb / 12P
   Integrated Power Stage for 3 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com