Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

PT32M3C1TNP Datasheet(HTML) 1 Page - Princeton Technology Corp

Part No. PT32M3C1TNP
Description  ARM ® Cortex™-M0 Microcontroller
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PTC [Princeton Technology Corp]
Homepage  http://www.princeton.com.tw
Logo 

PT32M3C1TNP Datasheet(HTML) 1 Page - Princeton Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 9 page
background image
PT32U301
ARM ®
Cortex™-M0 Microcontroller
Tel: 886-2-66296288
‧Fax: 886-2-29174598‧ http://www.princeton.com.tw‧2F, No. 233-1, Baociao Rd., Sindian Dist., New Taipei City 23145, Taiwan
DESCRIPTION
The PT32 microcontrollers is a series of low-power
microcontrollers incorporating a high-performance
ARM CortexTM-M0 32-bit RISC core. It operates at
a maximum 48 MHz frequency and features 32
Kbytes of Flash and 4 Kbytes of SRAM. A
comprehensive set of power-saving modes allows it
to be employed in low-power applications. Extensive
range of enhanced peripherals and I/Os are available
allowing the device to be adopted in different
application. A comprehensive set of power-saving
modes allows it to be employed in low-power
applications. The Flash program memory can be
reprogrammed in-system through the SWD interface.
The PT32U301 MCUs give you any essential
functionality as a General-purpose MCU. With its
highly customizable peripherals, it eases the
process of making your own ideal product.
PT32U301 microcontroller peripheral set also
includes an External Bus Interface, 2x UARTs, 1X
I2C, 1 SPI, 3x general-purpose 16/32-bit timers, an
RTC, 3x PWM, an ADC and four analog
comparators.
FEATURES
 ARM Cortex M0 Processor
 Performance up to 48 MHz
 Flash memory 32K-Byte
 System SRAM 4K-Byte
 Power control
POR/PDR
PVD
 Low power mode
Sleep mode
Stop mode
Standby mode
 Divers Peripherals
Up to 45 GPIOs
16/32-bit timer * 6
WDT/RTC
8 channel 12-bit ADC
4 Comparator with window comparison
2 UART
I2C with master/slave mode
SPI with variable bit length (4-16 bits)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn