Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8381 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8381
Description  18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8381 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8381 Datasheet HTML 1Page - Texas Instruments ADS8381 Datasheet HTML 2Page - Texas Instruments ADS8381 Datasheet HTML 3Page - Texas Instruments ADS8381 Datasheet HTML 4Page - Texas Instruments ADS8381 Datasheet HTML 5Page - Texas Instruments ADS8381 Datasheet HTML 6Page - Texas Instruments ADS8381 Datasheet HTML 7Page - Texas Instruments ADS8381 Datasheet HTML 8Page - Texas Instruments ADS8381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
ADS8381
SLAS364D − APRIL 2002 − REVISED FEBRUARY 2005
www.ti.com
4
SPECIFICATIONS (CONTINUED)
TA = −40°C to 85°C, +VA = +5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 580 kHz (unless otherwise noted)
PARAMETER
TEST
ADS8381IB
ADS8381I
UNIT
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Dynamic Characteristics
1 kHz
−112
−110
Total harmonic distortion (THD) (see Note 1)
10 kHz
−106
−100
dB
Total harmonic distortion (THD) (see Note 1)
50 kHz
−98
−95
dB
100 kHz
−95
−90
1 kHz
88
87
Signal to noise ratio (SNR) (see Note 1)
10 kHz
88
87
dB
Signal to noise ratio (SNR) (see Note 1)
50 kHz
88
87
dB
100 kHz
88
87
1 kHz
88
87
Signal to noise + distortion
10 kHz
88
87
dB
Signal to noise + distortion
(SINAD) (see Note 1)
50 kHz
87
86
dB
(SINAD) (see Note 1)
100 kHz
87
86
1 kHz
113
112
Spurious free dynamic range (SFDR) (see
10 kHz
108
98
dB
Spurious free dynamic range (SFDR) (see
Note 1)
50 kHz
99
96
dB
Note 1)
100 kHz
97
90
−3dB Small signal bandwidth
3
3
MHz
Voltage Reference Input
Reference voltage at REFIN, Vref
2.5
4.096
4.2
2.5
4.096
4.2
V
Reference resistance (see Note 2)
500
500
k
Reference current drain
fs = 580 kHz
1
1
mA
(1) Calculated on the first nine harmonics of the input frequency
(2) Can vary ±20%


Similar Part No. - ADS8381

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8381 BURR-BROWN-ADS8381 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8381 TI-ADS8381 Datasheet
959Kb / 29P
[Old version datasheet]   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
More results

Similar Description - ADS8381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8383 TI-ADS8383 Datasheet
166Kb / 29P
[Old version datasheet]   18-BIT, 500-kHz, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8371 BURR-BROWN-ADS8371 Datasheet
350Kb / 32P
   16BIT 750KHZ UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8411 BURR-BROWN-ADS8411 Datasheet
778Kb / 23P
   16-BIT, 2 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8402 BURR-BROWN-ADS8402 Datasheet
212Kb / 25P
   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8402 TI1-ADS8402 Datasheet
249Kb / 27P
[Old version datasheet]   16-BIT, 1.25 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8401 BURR-BROWN-ADS8401 Datasheet
238Kb / 10P
   16-BIT, 1.25 MSPS, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Burr-Brown (TI)
ADS8412 BURR-BROWN-ADS8412 Datasheet
736Kb / 26P
   16-BIT, 2 MSPS, UNIPOLAR DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com