Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AL008D55TFNR10 Datasheet(PDF) 10 Page - SPANSION

Part # S29AL008D55TFNR10
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AL008D55TFNR10 Datasheet(HTML) 10 Page - SPANSION

Back Button S29AL008D55TFNR10 Datasheet HTML 6Page - SPANSION S29AL008D55TFNR10 Datasheet HTML 7Page - SPANSION S29AL008D55TFNR10 Datasheet HTML 8Page - SPANSION S29AL008D55TFNR10 Datasheet HTML 9Page - SPANSION S29AL008D55TFNR10 Datasheet HTML 10Page - SPANSION S29AL008D55TFNR10 Datasheet HTML 11Page - SPANSION S29AL008D55TFNR10 Datasheet HTML 12Page - SPANSION S29AL008D55TFNR10 Datasheet HTML 13Page - SPANSION S29AL008D55TFNR10 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
10
S29AL008D
S29AL008D_00A3 June 16, 2005
Da t a
S h ee t
Ordering Information
Standard Products
Spansion standard products are available in several packages and operating
ranges. The order number (Valid Combination) is formed by a combination of the
elements below.
Notes:
1. Type 0 is standard. Specify other options as required.
2. Type 1 is standard. Specify other options as required.
3. TSOP and SOP package markings omit packing type designator from ordering part number.
4. BGA package marking omits leading S29 and packing type designator from ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific valid combinations and to check on newly
released combinations.
S29AL008D
55
T
A
I
RI
0
PACKING TYPE
0= Tray
1= Tube
2
= 7” Tape and Reel
3
= 13” Tape and Reel
MODEL NUMBER
01
= x8/x16, VCC = 2.7 - 3.6V, top boot sector device
R1
= x8/x16, VCC = 3.0 - 3.6V. top boot sector device
02
= x8/x16, VCC = 2.7 - 3.6V, bottom boot sector device
R2
= x8/x16, VCC = 3.0 - 3.6V. bottom boot sector device
TEMPERATURE RANGE
I
= Industrial (-40
°C to +85°C)
N
= Extended (-40°C to +125°C)
PACKAGE MATERIAL SET
A= Standard
F= Pb-Free
PACKAGE TYPE
T
= Thin Small Outline Package (TSOP) Standard Pinout
B
= Fine-pitch Ball-Grid Array Package
M
= Small Outline Package (SOP) Standard Pinout
SPEED OPTION
55
= 55 ns Access Speed
70
= 70 ns Access Speed
90
= 90 ns Access Speed
DEVICE NUMBER/DESCRIPTION
S29AL008D
8 Megabit Flash Memory manufactured using 200 nm process technology
3.0 Volt-only Read, Program, and Erase
S29AL008D Valid Combinations
Package Description
Device Number
Speed
Option
Package Type,
Material, and
Temperature Range
Model
Number
Packing Type
S29AL008D
55
TAI, TFI
R1, R2
0, 3 (Note 1)
TS048 (Note 3)TSOP
70, 90
TAI, TFI, TAN, TFN
01, 02
55
BAI, BFI
R1, R2
0, 2, 3 (Note 1)
VBK048 (Note 4)Fine-Pitch BGA
70, 90
BAI, BF, BAN, BFN
01, 02
55
MAI, MFI
R1, R2
0, 1, 3 (Note 2)
SO044 (Note 3)SOP
70, 90
MAI, MFI, MAN, MFN
01, 02


Similar Part No. - S29AL008D55TFNR10

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - S29AL008D55TFNR10

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J SPANSION-S29AL008J Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LL800B AMD-AM29LL800B Datasheet
534Kb / 40P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com