Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C1M16F5-60TI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS4C1M16F5-60TI
Description  5V 1M X 16 CMOS DRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS4C1M16F5-60TI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS4C1M16F5-60TI Datasheet HTML 1Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 2Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 3Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 4Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 5Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 6Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 7Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 8Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AS4C1M16F5
4/11/01; v.0.9.1
Alliance Semiconductor
P. 2 of 21
®
Functional description
The AS4C1M16F5 is a high performance 16-megabit CMOS Dynamic Random Access Memory (DRAM) organized as
1,048,576 words × 16 bits. The AS4C1M16F5 is fabricated using advanced CMOS technology and innovative design
techniques resulting in high speed, extremely low power and wide operating margins at component and system levels. The
Alliance 16Mb DRAM family is optimized for use as main memory in personal and portable PCs, workstations, and multimedia
and router switch applications.
The AS4C1M16F5 features high speed page mode operation where read and write operations within a single row (or page)
can be executed at very high speed (15 ns from XCAS)by toggling column addresses within that row. Row and column
addresses are alternately latched into input buffers using the falling edge of RAS and xCAS inputs respectively. Also, RAS is used
to make the column address latch transparent, enabling application of column addresses prior to xCAS assertion.
The
AS4C1M16F5 provides dual UCAS and LCAS for independent byte control of read and write access.
Refresh on the 1024 address combinations of A0 to A9 must be performed every 16 ms using:
RAS-only refresh: RAS is asserted while xCAS is held high. Each of the 1024 rows must be strobed. Outputs remain high impedence.
• Hidden refresh:
xCAS is held low while RAS is toggled. Outputs remain low impedence with previous valid data.
CAS-before-RAS refresh (CBR): At least one xCAS is asserted prior to RAS. Refresh address is generated internally.
Outputs are high-impedence (
OE and WE are don't care).
• Normal read or write cycles refresh the row being accessed.
The AS4C1M16F5 is available in the standard 42-pin plastic SOJ and the 44/50-pin TSOP II packages, respectively. It operates
with a single power supply of 5V ± 0.5V. The device provides TTL compatible inputs and outputs.
Logic block diagram
Recommended operating conditions
V
IL min -3.0V for pulse widths less than 5 ns.
Recommended operating conditions apply throughout this document unlesss otherwise specified.
Parameter
Symbol
Min
Nominal
Max
Unit
Supply voltage
AS4C1M16F5
VCC
4.5
5.0
5.5
V
GND
0.0
0.0
0.0
V
Input voltage
AS4C1M16F5
VIH
2.4
VCC
V
VIL
–0.5
–0.8
V
Ambient operating temperature
Commercial
TA
0–
70
°C
Industrial
-40
85
RAS clock
generator
1024 × 1024 × 16
Array
(16,777,216)
Sense amp
A0
A1
A2
A3
A4
A5
A6
A7
VCC
GND
A8
Column decoder
Substrate bias
generator
Data
DQ
buffers
OE
RAS
UCAS
WE clock
generator
WE
LCAS
DQ1 to DQ16
CAS clock
generator
A9


Similar Part No. - AS4C1M16F5-60TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16E5 ALSC-AS4C1M16E5 Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-45JC ALSC-AS4C1M16E5-45JC Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-45TC ALSC-AS4C1M16E5-45TC Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-50JC ALSC-AS4C1M16E5-50JC Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-50JI ALSC-AS4C1M16E5-50JI Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
More results

Similar Description - AS4C1M16F5-60TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
   3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
logo
List of Unclassifed Man...
HY514400 ETC1-HY514400 Datasheet
916Kb / 18P
   1M x 4-bit CMOS DRAM
HY514400A ETC1-HY514400A Datasheet
804Kb / 18P
   1M x 4-bit CMOS DRAM
logo
Alliance Semiconductor ...
AS4C1M16S ALSC-AS4C1M16S Datasheet
2Mb / 53P
   1M x 16 bit Synchronous DRAM
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
logo
Alliance Semiconductor ...
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323616A GENERALPLUS-GPR323616A Datasheet
1Mb / 56P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com