Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1742-285ACVTR Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1742-285ACVTR
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-285ACVTR Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1742-285ACVTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1742-285ACVTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1742-285ACVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1742-285ACVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-285ACVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-285ACVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-285ACVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-285ACVTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-285ACVTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AIC1742
ELECTRICAL CHARACTERISTICS
(TJ=25°C, unless otherwise specified) (Note1)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Quiescent Current
VIN = VOUT+ 1V,
VSHDN=1.6V, IOUT = 0mA
IQ
35
45
µA
Standby Current
VIN = VOUT+ 1V to 8V,
VSHDN=0.6V, Output OFF
ISTBY
0.1
µA
GND Pin Current
IOUT = 50mA
IGND
2.5
3.5
mA
Continuous Output Current
VIN = VOUT + 1V to 8V
IOUT
150
mA
Output Current Limit
VIN = VOUT + 1V, VOUT = 0V
IIL
150
250
mA
Output Voltage Tolerance
VIN = VOUT + 1V, no load
VOUT
-2
2
%
Temperature Coefficient
TC
50
150
ppm/ºC
Line Regulation
VIN = VOUTTYP+ 1V to 8V
∆VLIR
2
5
mV
Load Regulation
VIN = 5V,
IOUT = 0.1~150mA
∆VLOR
0.005
0.01
%/mA
IOUT = 50 mA
90
160
IOUT = 100 mA
140
230
IOUT = 150 mA
Vout
≥2.5V
200
350
Dropout Voltage
IOUT = 150 mA Vout<2.5V
VDROP
500
800
mV
Noise
Bypass
Terminal
Voltage
VREF
1.25
V
Ripple Rejection
f=1KHz, Ripple=0.5VP-P,
CBP = 0.1µF
RR
65
dB
Output Noise
CBP = 0.1µF, f = 10~100KHz
еn
25
µVrms
SHUTDOWN TERMINAL SPECIFICATIONS
Shutdown Pin Current
VSHDN=1.6V
ISHDN
2
µA
Shutdown Pin Voltage (ON)
Output ON
VSHDN
ON)
1.6
V
Shutdown Pin Voltage (OFF) Output OFF
VSHDN
OFF)
0.6
V
Shutdown Exit Delay Time
CBP = 0.1µF, COUT = 1µF,
IOUT=30mA
t
300
µS
Note 1: Specifications are production tested at TA=25
°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
Note 2: The dropout voltage is defined as VIN – VOUT when VOUT is 1% below the value of VOUT for
VIN = VOUT + 0.5V. (Only applicable for VOUT = 2.5V ~ 5V)
4


Similar Part No. - AIC1742-285ACVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-285AXV AIC-AIC1742-285AXV Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-285ACVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com