Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

FDW2516NZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

Part No. FDW2516NZ
Description  Common Drain N-Channel 2.5V specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FDW2516NZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
FDW2516NZ Rev B
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
10
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage
VGS =
±12 V, V
DS = 0 V
±10
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
0.6
1.0
1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–0.3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 5.8 A
VGS = 2.5 V,
ID = 5.0 A
VGS = 4.5 V, ID = 5.8 A, TJ=125
°C
25
32
33
30
40
43
m
ID(on)
On–State Drain Current
VGS = 4.5 V,
VDS = 5 V
10
A
gFS
Forward Transconductance
VDS = 5 V,
ID = 5.8 A
25
S
Dynamic Characteristics
Ciss
Input Capacitance
745
pF
Coss
Output Capacitance
205
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
115
pF
RG
Gate Resistance
VGS = 15 mV,
f = 1.0 MHz
1.6
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
9
17
ns
tr
Turn–On Rise Time
6
11
ns
td(off)
Turn–Off Delay Time
15
28
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6
8
16
ns
Qg
Total Gate Charge
9
12
nC
Qgs
Gate–Source Charge
1.5
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 5.8 A,
VGS = 5 V
2.4
nC


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn