Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1742-33ACVTR Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1742-33ACVTR
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-33ACVTR Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1742-33ACVTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1742-33ACVTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1742-33ACVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1742-33ACVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-33ACVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-33ACVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-33ACVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-33ACVTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-33ACVTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AIC1742
• SOT-23-5 Marking
Part No.
ACV
APV
Part No.
BCV
BPV
AIC1742-15AXV
ER15
ER15P
AIC1742-15BXV
ES15
ES15P
AIC1742-18AXV
ER18
ER18P
AIC1742-18BXV
ES18
ES18P
AIC1742-20AXV
ER20
ER20P
AIC1742-20BXV
ES20
ES20P
AIC1742-25AXV
ER25
ER25P
AIC1742-25BXV
ES25
ES25P
AIC1742-28AXV
ER28
ER28P
AIC1742-28BXV
ES28
ES28P
AIC1742-285AXV
ER2J
ER2JP
AIC1742-285BXV
ES2J
ES2JP
AIC1742-29AXV
ER29
ER29P
AIC1742-29BXV
ES29
ES29P
AIC1742-30AXV
ER30
ER30P
AIC1742-30BXV
ES30
ES30P
AIC1742-33AXV
ER33
ER33P
AIC1742-33BXV
ES33
ES33P
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
9V
Shutdown Terminal Voltage
.9V
Power Dissipation
500mW
Operating Temperature Range
-40ºC~85ºC
Maximum Junction Temperature
125
°C
Storage Temperature Range
-65ºC~150ºC
Lead Temperature (Soldering, 10 sec)
260
°C
Thermal Resistance Junction to Case
130ºC/W
Thermal Resistance Junction to Ambient
220ºC/W
(Assume no ambient airflow, no heatsink)
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT
3


Similar Part No. - AIC1742-33ACVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-33AXV AIC-AIC1742-33AXV Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-33ACVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com