Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV1G32A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV1G32A
Description  2-input OR Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV1G32A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV1G32A Datasheet HTML 1Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 2Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 3Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 4Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 5Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 6Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 7Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 8Page - Renesas Technology Corp HD74LV1G32A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.6.00, Aug.29.2003, page 1 of 10
HD74LV1G32A
2–input OR Gate
REJ03D0068–0600Z
(Previous ADE-205-321D (Z))
Rev.6.00
Aug.29.2003
Description
The HD74LV1G32A has two–input OR gate in a 5 pin package. Low voltage and high-speed operation is
suitable for the battery powered products (e.g., notebook computers), and the low power consumption
extends the battery life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• Electrical characteristics equivalent to the HD74LV32A
Supply voltage range : 1.65 to 5.5 V
Operating temperature range : –40 to +85°C
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
CMPAK–5V
HD74LV1G32ACME CMPAK–5 pin
CMPAK–5V(O)
CM
HD74LV1G32AVSE
VSON–5 pin
TNP–5DV
VS
E (3,000 pcs/reel)
Note: Please consult the sales office for the above package availability.


Similar Part No. - HD74LV1G32A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV1G32A RENESAS-HD74LV1G32A Datasheet
112Kb / 8P
   2.input OR Gate
HD74LV1G32ACME RENESAS-HD74LV1G32ACME Datasheet
112Kb / 8P
   2.input OR Gate
HD74LV1G32ACME RENESAS-HD74LV1G32ACME Datasheet
166Kb / 9P
   2?밿nput OR Gate
HD74LV1G32AVSE RENESAS-HD74LV1G32AVSE Datasheet
112Kb / 8P
   2.input OR Gate
HD74LV1G32AVSE RENESAS-HD74LV1G32AVSE Datasheet
166Kb / 9P
   2?밿nput OR Gate
More results

Similar Description - HD74LV1G32A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com