Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1742-28BCVTR Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1742-28BCVTR
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-28BCVTR Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1742-28BCVTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1742-28BCVTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1742-28BCVTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1742-28BCVTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-28BCVTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-28BCVTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-28BCVTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-28BCVTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-28BCVTR Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AIC1742
Low Noise, Low Quiescent Current,
150mA Linear Regulator with Noise Bypass
Analog Integrations Corporation
Si-Soft Research Center
DS-1742P-02 010405
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
FEATURES
Very Low Noise, 25μVRMS @ f=10~100kHz.
Very Low Quiescent Current, 35μA.
Very Low Dropout Voltage, 90mV @ 50mA.
Active Low Shutdown Control.
Short Circuit and Thermal Protection.
1.5V, 1.8V, 2.0V, 2.5V, 2.8V, 2.85V, 2.9V, 3.0V,
3.3V Output Voltage.
Available in
±2% Output Tolerance.
Low Profile Package: SOT-23-5
APPLICATIONS
Cellular Telephones.
Pagers.
Personal Communication Equipment.
Cordless Telephones.
Portable Instrumentation.
Portable Consumer Equipment.
Radio Control Systems.
Low Voltage Systems.
Battery Powered Systems
DESCRIPTION
AIC1742 is a low noise, low dropout linear
regulator, and is housed in a small SOT-23-5
package. The device is in the “ON” state when
the SHDN pin is set to logic high level. A low
dropout voltage of 90mV at 50mA load current
is performed. It offers high precision output
voltage of
±2%. The quality of low quiescent
current and low dropout voltage makes this
device ideal for battery power applications.
The internal reverse bias protection eliminates
the requirement for a reverse voltage
protection diode. The high ripple rejection and
low noise of AIC1742 provide enhanced
performance for critical applications. The
noise bypass pin can be connected an
external capacitor to reduce the output noise
level.
TYPICAL APPLICATION CIRCUIT
CIN
1
µF
VIN
BP
VOUT
SHDN
GND
VIN
AIC1742
COUT
2.2
µF
CBP
0.01
µF
V SHDN
VOUT
* CIN : TAIYO YUDEN, CEJMK107BJ105MA-T
*COUT : TAIYO YUDEN, CEJMK107BJ225Mθ-T
Low Noise Low Dropout Linear Regulator
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1


Similar Part No. - AIC1742-28BCVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-28BXV AIC-AIC1742-28BXV Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-28BCVTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com