Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS93C56-3GR Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS93C56-3GR
Description  2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS93C56-3GR Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS93C56-3GR Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS93C56-3GR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS93C56-3GR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS93C56-3GR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS93C56-3GR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS93C56-3GR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS93C56-3GR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS93C56-3GR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS93C56-3GR Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. G
04/26/01
IS93C56-3
ISSI®
DC ELECTRICAL CHARACTERISTICS
TA = 0°C to +70°C for IS93C56-3 and –40°C to +85°C for IS93C56-3I.
Symbol
Parameter
Test Conditions
Vcc
Min.
Max.
Unit
VOL
Output LOW Voltage
IOL = 10 µA CMOS
2.7V to 3.3V
0.2
V
VOL1
Output LOW Voltage
IOL = 2.1 mA TTL
4.5V to 5.5V
0.4
V
VOH
Output HIGH Voltage
IOH = –10 µA CMOS
2.7V to 3.3V
VCC – 0.2
V
VOH1
Output HIGH Voltage
IOH = –400 µA TTL
4.5V to 5.5V
2.4
V
VIH
Input HIGH Voltage
2.7V to 3.3V
2.4
VCC
V
4.5V to 5.5V
2
VCC
VIL
Input LOW Voltage
2.7V to 3.3V
-0.1
0.6
V
4.5V to 5.5V
–0.1
0.8
ILI
Input Leakage
VIN = 0V to VCC (CS, SK, DIN)1
1
µA
ILO
Output Leakage
VOUT = 0V to VCC, CS = 0V
1
1
µA
POWER SUPPLY CHARACTERISTICS
TA = 0°C to +70°C for IS93C56-3 and –40°C to +85°C for IS93C56-3I.
IS93C56-3
IS93C56-3I
Symbol
Parameter
Test Conditions
Vcc
Min. Typ. Max.
Min. Typ. Max.
Unit
ICC
Vcc Operating
CS = VIH, SK = 500 KHz
2.7V to 3.3V
0.5
2
0.5
2
mA
Supply Current
CMOS Input Levels
ICC
Vcc Operating
CS = VIH, SK = 1 MHz
4.5V to 5.5V
46
46
mA
Supply Current
CMOS Input Levels
ISB
Standby Current
CS = DIN = SK = 0V
2.7V to 3.3V
210
210
µA
4.5V to 5.5V
10
50
10
50


Similar Part No. - IS93C56-3GR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS93C56A ISSI-IS93C56A Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2GRI ISSI-IS93C56A-2GRI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2GRLI ISSI-IS93C56A-2GRLI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2PI ISSI-IS93C56A-2PI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C56A-2PLI ISSI-IS93C56A-2PLI Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS93C56-3GR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC56 ROHM-BR93LC56 Datasheet
127Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
XL9020 ETC-XL9020 Datasheet
156Kb / 12P
   2,048-Bit Serial Electrically Erasable PROM 2.7 to 5.5 Volt Operation
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46-3 ISSI-IS93C46-3 Datasheet
83Kb / 10P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS24C16 ISSI-IS24C16 Datasheet
76Kb / 10P
   16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS93C66-3 ISSI-IS93C66-3 Datasheet
83Kb / 10P
   4,096-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com